Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA4-5112883 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA4-5112883
Description  Dual, Low Noise, High Performance Uncompensated Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA4-5112883 Datasheet(HTML) 2 Page - Intersil Corporation

  HA4-5112883 Datasheet HTML 1Page - Intersil Corporation HA4-5112883 Datasheet HTML 2Page - Intersil Corporation HA4-5112883 Datasheet HTML 3Page - Intersil Corporation HA4-5112883 Datasheet HTML 4Page - Intersil Corporation HA4-5112883 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3-120
Specifications HA-5112/883
Absolute Maximum Ratings
Thermal Information
Voltage between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . . 40V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Peak Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
(One Amplifier Shorted to Ground)
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175
oC
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance
θ
JA
θ
JC
CerDIP Package . . . . . . . . . . . . . . . . . . .
115oC/W
28oC/W
Ceramic LCC Package . . . . . . . . . . . . . .
65oC/W
15oC/W
Metal Can Package . . . . . . . . . . . . . . . . .
155oC/W
67oC/W
Package Power Dissipation Limit at +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 870mW
Ceramic LCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.54W
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 645mW
Package Power Dissipation Derating Factor Above +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.7mW/oC
Ceramic LCC Package . . . . . . . . . . . . . . . . . . . . . . . . 15.4mW/oC
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC
Operating Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . ±5V to ±15V
VINCM ≤ 1/2 (V+ - V-)
RL ≥ 2kΩ
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: VSUPPLY = ±15V, RSOURCE = 100Ω, RLOAD = 500kΩ, VOUT = 0V, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Offset Voltage
VIO
VCM = 0V
1
+25oC
-2.0
2.0
mV
2, 3
+125oC, -55oC
-2.5
2.5
mV
Input Bias Current
+IB
VCM = 0V, +RS = 10kΩ,
-RS = 100Ω
1
+25oC
-200
200
nA
2, 3
+125oC, -55oC
-325
325
nA
-IB
VCM = 0V, +RS = 100Ω,
-RS = 10kΩ
1
+25oC
-200
200
nA
2, 3
+125oC, -55oC
-325
325
nA
Input Offset Current
IIO
VCM = 0V,
+RS = 10kΩ,
-RS = 10kΩ
1
+25oC
-75
75
nA
2, 3
+125oC, -55oC
-125
125
nA
Common Mode Range
+CMR
V+ = +3V, V- = -27V
1
+25oC
+12
-
V
2, 3
+125oC, -55oC
+12
-
V
-CMR
V+ = +27V, V- = -3V
1
+25oC
-
-12
V
2, 3
+125oC, -55oC
-
-12
V
Large Signal Voltage
Gain
+AVOL
VOUT = 0V and +10V,
RL = 2kΩ
4
+25oC
100
-
kV/V
5, 6
+125oC, -55oC
100
-
kV/V
-AVOL
VOUT = 0V and -10V,
RL = 2kΩ
4
+25oC
100
-
kV/V
5, 6
+125oC, -55oC
100
-
kV/V
Common Mode
Rejection Ratio
+CMRR
∆V
CM = +5V,
V+ = +10V, V- = -20V,
VOUT = -5V
1
+25oC86
-
dB
2, 3
+125oC, -55oC86
-
dB
-CMRR
∆V
CM = -5V,
V+ = +20V, V- = -10V,
VOUT = +5V
1
+25oC86
-
dB
2, 3
+125oC, -55oC86
-
dB
Spec Number
511032-883


Similar Part No. - HA4-5112883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4-5114/883 INTERSIL-HA4-5114/883 Datasheet
32Kb / 5P
   Quad, Low Noise, High Performance Uncompensated Operational Amplifier
July 1994
HA4-5114/883 INTERSIL-HA4-5114/883 Datasheet
417Kb / 5P
   Quad, Low Noise, High Performance Uncompensated Operational Amplifier
HA4-5114883 INTERSIL-HA4-5114883 Datasheet
32Kb / 5P
   Quad, Low Noise, High Performance Uncompensated Operational Amplifier
July 1994
More results

Similar Description - HA4-5112883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5112883 INTERSIL-HA-5112883 Datasheet
101Kb / 5P
   Dual, Low Noise, High Performance Uncompensated Operational Amplifier
HA-5114 INTERSIL-HA-5114 Datasheet
32Kb / 5P
   Quad, Low Noise, High Performance Uncompensated Operational Amplifier
July 1994
HA-5114883 INTERSIL-HA-5114883 Datasheet
417Kb / 5P
   Quad, Low Noise, High Performance Uncompensated Operational Amplifier
logo
Renesas Technology Corp
UPC259 RENESAS-UPC259 Datasheet
619Kb / 9P
   High Performance, Low Noise Dual Operational Amplifier
2019.06.13
logo
New Japan Radio
NJM2114 NJRC-NJM2114 Datasheet
257Kb / 5P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
RC5532 FAIRCHILD-RC5532 Datasheet
62Kb / 8P
   High Performance Dual Low Noise Operational Amplifier
RM5532 FAIRCHILD-RM5532 Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
logo
New Japan Radio
NJM5532 NJRC-NJM5532 Datasheet
239Kb / 6P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5102883 INTERSIL-HA-5102883 Datasheet
553Kb / 5P
   Dual, Low Noise, High Performance Operational Amplifier
HA-5101883 INTERSIL-HA-5101883 Datasheet
1Mb / 16P
   Low Noise, High Performance Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com