Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4168-GT3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4168-GT3
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4168-GT3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4168-GT3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4168-GT3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC4168-GT3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SC4168
Switching Time Test Circuit
VR
VCC=10V
VBE=--5V
5IB1= --5IB2= IC=50mA
+
+
50
1k
5k
2k
INPUT
OUTPUT
RB
100 F
470 F
PW=10 s
IB1
D.C. 2.5%
Tr. Tf=1ns
For PNP, the polarity is reversed.
IB2
Typical Characterisitics
0.2mA
0.4mA
0.6mA
0.8mA
1.0m
A
100
80
60
40
20
0
0
.
2
6
.
1
8
.
0
0
2
.
1
4
.
0
0
2
6
1
8
0
2
1
4
IC -- VCE
IB=0
2SC4168
2SC4168
4
8
12
16
20
0
IC -- VCE
IB=0
140 A
20 A
80 A
40 A
100 A
60 A
120 A
Collector-to-Emitter Voltage, VCE – V
Collector-to-Emitter Voltage, VCE – V
100
7
10
7
5
3
2
5
3
2
1.0
3
2
5
0.1
3
2
5
10
3
2
5
7
3
7
7
2
100
hFE -- IC
Ta=75 C
--25 C
25 C
2SC4168
VCE=1V
160
140
120
20
100
80
60
40
0
0
0.2
0.4
0.6
0.8
1.2
1.0
2SC4168
VCE=1V
IC -- VBE
Base-to-Emitter Voltage, VBE – V
Collector Current, IC –mA


Similar Part No. - 2SC4168-GT3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4168-GT3 KEXIN-2SC4168-GT3 Datasheet
1Mb / 3P
   NPN Transistors
2SC4168-GT3-HF KEXIN-2SC4168-GT3-HF Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - 2SC4168-GT3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com