Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5104883 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA-5104883
Description  Low Noise, High Performance, Quad Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5104883 Datasheet(HTML) 1 Page - Intersil Corporation

  HA-5104883 Datasheet HTML 1Page - Intersil Corporation HA-5104883 Datasheet HTML 2Page - Intersil Corporation HA-5104883 Datasheet HTML 3Page - Intersil Corporation HA-5104883 Datasheet HTML 4Page - Intersil Corporation HA-5104883 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3-114
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
HA-5104/883
Low Noise, High Performance,
Quad Operational Amplifier
Description
Low noise and high performance are key words describing
the unity gain stable HA-5104/883. This general purpose
quad amplifier offers an array of dynamic specifications
including 1V/
µs slew rate (min), and 8MHz bandwidth (typ).
Complementing these outstanding parameters are very low
noise specifications of 4.3nV/
√Hz at 1kHz (typ) or 6nV/√Hz
(max).
Fabricated using the Intersil standard high frequency D.I.
process, these operational amplifiers also offer excellent
input specifications such as 2.5mV (max) offset voltage and
75nA (max) offset current. Complementing these specifica-
tions are 100dB (min) open loop gain and 55dB channel
separation (min). Economically, the HA-5104/883 also con-
sumes a very moderate amount of power (225mW per pack-
age) while also saving board space and cost.
This impressive combination of features make this amplifier
ideally suited for designs ranging from audio amplifiers and
active filters to the most demanding signal conditioning and
instrumentation circuits.
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
HA1-5104/883
-55oC to +125oC
14 Lead CerDIP
HA4-5104/883
-55oC to +125oC
20 Lead Ceramic LCC
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Low Input Noise Voltage Density at 1kHz. . 6nV/
√Hz (Max)
4.3nV/
√Hz (Typ)
• Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/
µs (Min)
3V/
µs (Typ)
• Unity Gain Bandwidth . . . . . . . . . . . . . . . . . 8MHz (Typ)
• High Open Loop Gain (Full Temp) . . . . . 100kV/V (Min)
250kV/V (Typ)
• High CMRR, PSRR (Full Temp) . . . . . . . . . . . 86dB (Min)
100dB (Typ)
• Low Offset Voltage Drift . . . . . . . . . . . . . . 3
µV/oC (Typ)
• No Crossover Distortion
• Standard Quad Pinout
Applications
• High Q Active Filters
• Audio Amplifiers
• Integrators
• Signal Generators
• Instrumentation Amplifiers
July 1994
Spec Number
511014-883
File Number
3710
Pinouts
HA-5104/883
(CERDIP)
TOP VIEW
HA-5104/883
(CLCC)
TOP VIEW
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
+
4
+
2
+
3
+
V+
OUT 1
-IN1
+IN1
+IN2
-IN2
OUT 2
V-
OUT 3
OUT 4
-IN3
+IN3
+IN4
-IN4
--
-
-
4
5
6
7
8
910
11
12
13
32
1
20 19
15
14
18
17
16
4
+
3
+
2
+
1
+
+IN4
NC
V-
NC
+IN3
+IN1
NC
V+
NC
+IN2
-
-
--


Similar Part No. - HA-5104883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5104883 INTERSIL-HA-5104883 Datasheet
98Kb / 5P
   Low Noise, High Performance, Quad Operational Amplifier
More results

Similar Description - HA-5104883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5104883 INTERSIL-HA-5104883 Datasheet
98Kb / 5P
   Low Noise, High Performance, Quad Operational Amplifier
HA-5114 INTERSIL-HA-5114 Datasheet
32Kb / 5P
   Quad, Low Noise, High Performance Uncompensated Operational Amplifier
July 1994
HA-5114883 INTERSIL-HA-5114883 Datasheet
417Kb / 5P
   Quad, Low Noise, High Performance Uncompensated Operational Amplifier
HA-5101883 INTERSIL-HA-5101883 Datasheet
1Mb / 16P
   Low Noise, High Performance Operational Amplifier
logo
New Japan Radio
NJM5534 NJRC-NJM5534 Datasheet
242Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER?
NJM5534DD NJRC-NJM5534DD Datasheet
174Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
RC5534AN FAIRCHILD-RC5534AN Datasheet
85Kb / 11P
   High Performance Low Noise Operational Amplifier
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
   Low noise quad operational amplifier
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
   Low Noise Quad Operational Amplifier
logo
Renesas Technology Corp
UPC259 RENESAS-UPC259 Datasheet
619Kb / 9P
   High Performance, Low Noise Dual Operational Amplifier
2019.06.13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com