Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HA-5102 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HA-5102
Description  Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 
 3 page
background image
3
Output Resistance
25
-
110
-
-
110
-
-
110
-
STABILITY
Minimum Stable Closed Loop
Gain
HA-5102/5104
Full
1
-
-
1
-
-
1
-
-
V/V
HA-5114
Full
10
-
-
10
-
-
10
-
-
V/V
TRANSIENT RESPONSE (Note 6)
Rise Time
HA-5102/5104
25
-
108
200
-
108
200
-
108
200
ns
HA-5114
25
-
48
100
-
48
100
-
48
100
ns
Overshoot
HA-5102/5104
25
-
20
35
-
20
35
-
20
35
%
HA-5114
25
-
30
40
-
30
40
-
30
40
%
Slew Rate
HA-5102/5104
25
1
3
-
1
3
-
1
3
-
V/
µs
HA-5114
25
12
20
-
12
20
-
12
20
-
V/
µs
Settling Time (Note 7)
HA-5102/5104
25
-
4.5
-
-
4.5
-
-
4.5
-
µs
HA-5114
25
-
0.6
-
-
0.6
-
-
0.6
-
µs
NOISE CHARACTERISTICS (Note 8)
Input Noise Voltage
f = 10Hz
25
-
9
25
-
9
25
-
9
25
nV/
√Hz
f = 1kHz
25
-
4.3
6.0
-
4.3
6.0
-
4.3
6.0
nV/
√Hz
Input Noise Current
f = 10Hz
25
-
5.1
15
-
5.1
15
-
5.1
15
pA/
√Hz
f = 1kHz
25
-
0.57
3
-
0.57
3
-
0.57
3
pA/
√Hz
Broadband Noise Voltage
f = DC to 30kHz
25
-
870
-
-
870
-
-
870
-
nVRMS
POWER SUPPLY CHARACTERISTICS
Supply Current (All Amps)
25
-
3.0
5.0
-
5.0
6.5
-
5.0
6.5
mA
Power Supply Rejection Ratio, (
∆VS = ±5V)
Full
86
100
-
86
100
-
80
100
-
dB
NOTES:
4. Channel separation value is referred to the input of the amplifier. Input test conditions are: f = 10kHz; VIN = 100mVPEAK; RS = 1kΩ.
5. Full power bandwidth is guaranteed by equation:
.
6. Refer to Test Circuits section of the data sheet.
7. Settling time is measured to 0.1% of final value for a 1V input step, and AV = -10 for HA-5114, and a 10V input step, AV =-1for
HA-5102/5104.
8. The limits for these parameters are guaranteed based on lab characterization, and reflect lot-to-lot variation.
Electrical Specifications
VSUPPLY = ±15V, Unless Otherwise Specified (Continued)
PARAMETER
TEMP.
(oC)
HA-5102-2, -5
HA-5104-2, -5
HA-5114 -5
HA-5104-9
HA-5114-9
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Full power bandwidth
Slew Rate
2
πV
PEAK
-----------------------------
=
HA-5102, HA-5104, HA-5114




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC33078DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreON Semiconductor
LMV771Single/Dual/Quad Low Offset Low Noise RRO Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
LM6152Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
BA4558FLOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 Rohm
MC33078LOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
TS522PRECISION LOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 STMicroelectronics
AZ4580DUAL LOW NOISE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BA4558RFLOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreRohm
MC33079LOW NOISE QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl