Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HA-5102 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. HA-5102
Description  Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 
 2 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage Between V+ and V- Terminals. . . . . . . . . . . . . . 40V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±VSUPPLY
Output Short Circuit Duration (Note 3). . . . . . . . . . . . . . . . Indefinite
Operating Conditions
Temperature Range
HA-5102/5104-2 . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
HA-5102/5104/5114-5 . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
HA-5104/5114-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
8 Lead PDIP Package . . . . . . . . . . . . .
92
N/A
8 Lead CERDIP Package . . . . . . . . . . .
135
50
14 Lead CERDIP Package . . . . . . . . . .
80
30
14 Lead PDIP Package . . . . . . . . . . . .
86
N/A
SOIC Package (HA-5104, HA-5114) . .
96
N/A
Maximum Junction Temperature (Note 1, Hermetic Package) . .175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Maximum power dissipation, including output load, must be designed to maintain the maximum junction temperature below 175oC for hermetic
packages, and below 150oC for plastic packages.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
3. Any one amplifier may be shorted to ground indefinitely.
Electrical Specifications
VSUPPLY = ±15V, Unless Otherwise Specified
PARAMETER
TEMP.
(oC)
HA-5102-2, -5
HA-5104-2, -5
HA-5114 -5
HA-5104-9
HA-5114-9
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
INPUT CHARACTERISTICS
Offset Voltage
25
-
0.5
2.0
-
0.5
2.5
-
0.5
2.5
mV
Full
-
-
2.5
-
-
3.0
-
-
3.0
mV
Offset Voltage Average Drift
Full
-
3
-
-
3
-
-
3
-
µV/oC
Bias Current
25
-
130
200
-
130
200
-
130
200
nA
Full
-
-
325
-
-
325
-
-
500
nA
Offset Current
25
-
30
75
-
30
75
-
30
75
nA
Full
-
-
125
-
-
125
-
-
125
nA
Input Resistance
25
-
500
-
-
500
-
-
500
-
k
Common Mode Range
Full
±12
-
-
±12
-
-
±12
-
-
V
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain,
(VOUT = ±5V, RL = 2kΩ)
25
100
250
-
100
250
-
80
250
-
kV/V
Full
100
-
-
100
-
-
80
-
-
kV/V
Common Mode Rejection Ratio (VCM = ±5.0V)
Full
86
95
-
86
95
-
80
95
-
dB
Small Signal Bandwidth, HA-5102/5104 (AV = 1)
25
-
8
-
-
8
-
-
8
-
MHz
Gain Bandwidth Product, HA-5114 (AV = 10)
25
-
60
-
-
60
-
-
60
-
MHz
Channel Separation (Note 4)
25
-
60
-
-
60
-
-
60
-
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
(RL = 10kΩ)
Full
±12
±13
-
±12
±13
-
±12
±13
-
V
(RL = 2kΩ)
Full
±10
±12
-
±10
±12
-
±10
±12
-
V
Output Current, (VOUT = ±5V)
Full
±10
±15
-
±10
±15
-
±7
±15
-
mA
Full Power Bandwidth (Note 5)
HA-5102/5104
25
16
47
-
16
47
-
16
47
-
kHz
HA-5114
25
191
318
-
191
318
-
191
318
-
kHz
HA-5102, HA-5104, HA-5114




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC33078DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreON Semiconductor
LMV771Single/Dual/Quad Low Offset Low Noise RRO Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
LM6152Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
BA4558FLOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 Rohm
MC33078LOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
TS522PRECISION LOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 STMicroelectronics
AZ4580DUAL LOW NOISE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BA4558RFLOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreRohm
MC33079LOW NOISE QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl