Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HA-5102 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HA-5102
Description  Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 
 1 page
background image
1
File Number
2925.4
HA-5102, HA-5104, HA-5114
Dual and Quad, 8MHz and 60MHz, Low
Noise Operational Amplifiers
Low noise and high performance are key words describing
HA-5102, HA-5104 and HA-5114. These general purpose
amplifiers offer an array of dynamic specifications ranging
from a 3V/
µs slew rate and 8MHz bandwidth (5102/04) to
20V/
µs slew rate and 60MHz gain-bandwidth-product
(HA-5114). Complementing these outstanding parameters is
a very low noise specification of 4.3nV/
√Hz at 1kHz.
Fabricated using the Intersil high frequency DI process,
these operational amplifiers also offer excellent input
specifications such as a 0.5mV offset voltage and 30nA
offset current. Complementing these specifications are
108dB open loop gain and 60dB channel separation.
Consuming a very modest amount of power (90mW/
package for duals and 150mW/package for quads), HA-
5102/04/14 also provide 15mA of output current.
This impressive combination of features make this series of
amplifiers ideally suited for designs ranging from audio
amplifiers and active filters to the most demanding signal
conditioning and instrumentation circuits.
These operational amplifiers are available in dual or quad
form with industry standard pinouts allowing for immediate
interchangeability with most other dual and quad operational
amplifiers.
HA-5102
Dual, Comp.
HA-5104
Quad, Comp.
HA-5114
Quad, Uncomp.
Refer to the /883 data sheet for military product.
Features
• Low Noise. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.3nV/
√Hz
• Bandwidth. . . . . . . . . . . . . . . . . . . . 8MHz (Compensated)
60MHz (Uncompensated)
• Slew Rate . . . . . . . . . . . . . . . . . . . . 3V/
µs (Compensated)
20V/
µs (Uncompensated)
• Low Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 0.5mV
• Available in Duals or Quads
Applications
• High Q, Active Filters
• Audio Amplifiers
• Instrumentation Amplifiers
• Integrators
• Signal Generators
• For Further Design Ideas, See Application Note AN554
Pinouts
HA-5102 (PDIP, CERDIP)
TOP VIEW
HA-5104 (PDIP, CERDIP)
HA-5114 (PDIP)
TOP VIEW
HA5104/5114 (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG. NO
HA3-5102-5
0 to 75
8 Ld PDIP
E8.3
HA7-5102-2
-55 to 125
8 Ld CERDIP
F8.3A
HA1-5104-2
-55 to 125
14 Ld CERDIP
F14.3
HA1-5104-5
0 to 75
14 Ld CERDIP
F14.3
HA3-5104-5
0 to 75
14 Ld PDIP
E14.3
HA9P5104-9
-40 to 85
16 Ld SOIC
M16.3
HA3-5114-5
0 to 75
14 Ld PDIP
E14.3
HA9P5114-9
-40 to 85
16 Ld SOIC
M16.3
7
6
5
8
2
3
4
1
OUT1
V-
+IN1
-IN1
V+
OUT2
+IN2
-IN2
+
-
+
-
14
8
13
10
11
12
9
1
2
3
4
6
7
5
4
3
OUT1
+IN1
V+
+IN2
OUT2
-IN1
-IN2
OUT4
+IN4
V-
+IN3
OUT3
-IN4
-IN3
1
2
+
-
+
-
+
-
+
-
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
NC
OUT4
+IN4
V-
+IN3
OUT3
OUT1
OUT2
+IN1
+IN2
V+
NC
14
23
-IN1
-IN2
-IN4
-IN3
+
-
+
-
+
-
+
-
Data Sheet
April 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC33078DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreON Semiconductor
LMV771Single/Dual/Quad Low Offset Low Noise RRO Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
LM6152Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
BA4558FLOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 Rohm
MC33078LOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
TS522PRECISION LOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 STMicroelectronics
AZ4580DUAL LOW NOISE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BA4558RFLOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreRohm
MC33079LOW NOISE QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl