Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HA-5102 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HA-5102
Description  Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 6 page
background image
6
Typical Performance Curves
FIGURE 5. INPUT NOISE VOLTAGE DENSITY
FIGURE 6. INPUT NOISE CURRENT DENSITY
VS = ±15V, TA = 25
oC, 50µV/Div., 1s/Div., AV = 1000V/V
Input Noise = 0.232
µVP-P
FIGURE 7. 0.1Hz TO 10Hz NOISE
VS = ±15V, TA = 25
oC, 500µV/Div., 1s/Div., AV = 1000V/V
Total Output Noise = 2.075
µVP-P
FIGURE 8. 0.1Hz TO 1MHz NOISE
FIGURE 9. VIO vs TEMPERATURE
FIGURE 10. VIO vs VS
VS = ±15V, TA = 25
oC
FREQUENCY (Hz)
10
100
1K
0
5
10
15
HIGH
LOW
TYPICAL
VS = ±15V, TA = 25
oC
FREQUENCY (Hz)
10
100
1K
0.1
5.0
10
0.5
1.0
VS = ±15V
TEMPERATURE (oC)
-60
20
120
100
80
60
40
0
-20
-40
0
0.5
1.0
1.5
2.0
SUPPLY VOLTAGE (
±V)
08
18
16
14
12
10
6
4
2
0
0.5
1.0
1.5
2.0
TA = 25
oC
HA-5102, HA-5104, HA-5114




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC33078DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreON Semiconductor
LMV771Single/Dual/Quad Low Offset Low Noise RRO Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
LM6152Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
BA4558FLOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 Rohm
MC33078LOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
TS522PRECISION LOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 STMicroelectronics
AZ4580DUAL LOW NOISE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BA4558RFLOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreRohm
MC33079LOW NOISE QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl