Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HA-5102 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HA-5102
Description  Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 
 5 page
background image
5
Simplified Schematic
NOTE:
AV = +10.
FIGURE 3. LARGE AND SMALL SIGNAL RESPONSE
CIRCUIT (AV = +10)
NOTES:
9. AV = -1 (HA-5102/5104), AV = -10 (HA-5114).
10. Feedback and summing resistors should be 0.1% matched.
11. Clipping diodes are optional, HP5082-2810 recommended.
FIGURE 4. SETTLING TIME CIRCUIT
Test Circuits and Waveforms (Continued)
+
50pF
OUT
IN
1.8k
200
-
+
VIN
2k
+15V
VOUT
TO
OSCILLOSCOPE
2N4416
50pF
+15V
-15V
5k
2k
2k
200
Ω (NOTE 9)
500
Ω (NOTE 9)
5k
-
-INPUT
+INPUT
V-
V+
OUTPUT
HA-5102, HA-5104, HA-5114




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC33078DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreON Semiconductor
LMV771Single/Dual/Quad Low Offset Low Noise RRO Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
LM6152Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
BA4558FLOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 Rohm
MC33078LOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
TS522PRECISION LOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 STMicroelectronics
AZ4580DUAL LOW NOISE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BA4558RFLOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreRohm
MC33079LOW NOISE QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl