Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HA-5102 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HA-5102
Description  Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 
 4 page
background image
4
Test Circuits and Waveforms
HA-5102, HA-5104
FIGURE 1. LARGE SIGNAL RESPONSE CIRCUIT
FIGURE 2. SMALL SIGNAL RESPONSE CIRCUIT
HA-5114
Input = 0.5V/Div., Output = 5V/Div., Time = 500ns/Div.
Input = 10mV/Div., Output = 50mV/Div., Time = 50ns/Div.
+
50pF
OUT
IN
2k
2k
1k
+5V
0V
-5V
+5V
0V
-5V
-
Vertical = 5V/Div., Horizontal = 5
µs/Div. (AV = -1)
INPUT
OUTPUT
+
50pF
IN
2k
200mV
INPUT
0V
OUTPUT
-
Vertical = 40mV/Div., Horizontal = 50ns/Div. (AV = +1)
+0.5V
0V
-0.5V
+5V
0V
-5V
INPUT
OUTPUT
200mV
0V
OUTPUT
INPUT
HA-5102, HA-5104, HA-5114




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC33078DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreON Semiconductor
LMV771Single/Dual/Quad Low Offset Low Noise RRO Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
LM6152Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
BA4558FLOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 Rohm
MC33078LOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
TS522PRECISION LOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 STMicroelectronics
AZ4580DUAL LOW NOISE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BA4558RFLOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreRohm
MC33079LOW NOISE QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl