Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1681 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1681
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1681 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1681_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1681_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
2SA1681
Features
Low saturation voltage
High speed switching time
Small flat package
PC = 1.0 to 2.0 W (mounted on a ceramic substrate)
Complementary to 2SC4409
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-60
Collector - Emitter Voltage
VCEO
-50
Emitter - Base Voltage
VEBO
-6
Collector Current - Continuous
IC
-2
Base Current
IB
-0.2
Collector Power Dissipation
PC
500
mW
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
A
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 uA, IE=0
-60
Collector- emitter breakdown voltage
VCEO
Ic= -1mA,IB=0
-50
Emitter - base breakdown voltage
VEBO
IE= -100 u A, IC=0
-6
Collector-base cut-off current
ICBO
VCB= -60 V , IE=0
-0.1
Emitter cut-off current
IEBO
VEB= -6V , IC=0
-0.1
Collector-emitter saturation voltage
VCE(sat) IC=-1 A, IB=-50 mA
-0.5
Base - emitter saturation voltage
VBE(sat) IC=-1 A, IB=-50 mA
-1.2
hFE(1)
VCE= -2V, IC= -100 mA
120
400
hFE(2)
VCE= -2V, IC= -1.5 A
40
Turn-on time
ton
0.1
Storage time
tstg
0.3
Fall time
t f
0.1
Collector output capacitance
Cob
VCB= -10V,IE=0, f=1MHz
23
pF
Transition frequency
fT
VCE= -2V, IC= -100 mA
100
MHz
DC current gain
us
V
uA
V
Marking
Marking
L*A
−30 V
IB2
IB1
20 μs
IB1
IB2
−IB1 = IB2 = 0.05 A,
DUTY CYCLE ≤ 1%
OUTPUT
INPUT


Similar Part No. - 2SA1681_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1681TE12LF TOSHIBA-2SA1681TE12LF Datasheet
169Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
   Power Amplifier Applications Power Switching Applications
More results

Similar Description - 2SA1681_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com