Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5004 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA-5004
Description  100MHz Current Feedback Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5004 Datasheet(HTML) 3 Page - Intersil Corporation

  HA-5004 Datasheet HTML 1Page - Intersil Corporation HA-5004 Datasheet HTML 2Page - Intersil Corporation HA-5004 Datasheet HTML 3Page - Intersil Corporation HA-5004 Datasheet HTML 4Page - Intersil Corporation HA-5004 Datasheet HTML 5Page - Intersil Corporation HA-5004 Datasheet HTML 6Page - Intersil Corporation HA-5004 Datasheet HTML 7Page - Intersil Corporation HA-5004 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
TRANSFER CHARACTERISTICS
DC Gain Error (Note 5)
Small Signal
(
±100mV)
25
-
0.25
0.43
%
Full
-
0.25
0.75
%
Large Signal (
±10V)
(RL = 1kΩ)
25
-
0.25
0.43
%
Full
-
0.25
0.75
%
DC Voltage Gain
Small and Large Signal
25
233
400
-
V/V
Full
133
400
-
V/V
DC Transimpedance (Note 6)
25
-
100
-
V/mA
Full
33
100
-
V/mA
-3dB Bandwidth (Note 7)
AV = +1
25
-
100
-
MHz
Gain Flatness
DC to 5MHz
25
-
0.03
-
dB
DC to 10MHz
25
-
0.05
-
dB
Differential Gain (Notes 7, 8, 9, 3.58MHz) AVCL = +1
25
-
0.035
-
%
AVCL = +2
25
-
0.058
-
%
Differential Gain (Notes 7, 8, 9, 4.43MHz) AVCL = +1
25
-
0.035
-
%
AVCL = +2
25
-
0.058
-
%
Differential Phase (Notes 7, 8, 3.58MHz)
AVCL = +1
25
-
0.15
-
Degrees
AVCL = +2
25
-
0.23
-
Degrees
Differential Phase (Notes 7, 8, 4.43MHz)
AVCL = +1
25
-
0.17
-
Degrees
AVCL = +2
25
-
0.24
-
Degrees
Common Mode Rejection Ratio
VCM = ±10V
Full
-
58
-
dB
Minimum Stable Gain
Full
1
-
-
V/V
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 100Ω
25
±9.0
±9.5
-
V
RL = 1kΩ
25
±11.5
±11.8
-
V
RL = 100Ω
Full
±8.0
±9.5
-
V
RL = 1kΩ
Full
±10.5
±11.8
-
V
Full Power Bandwidth
AV = +1, VOUT = 4VP-P
25
-
50
-
MHz
Output Resistance, Open Loop
25
-
5
-
Output Current
25
±90
±100
-
mA
Full
±80
±100
-
mA
Output Enable Time
HI-Z to
±2V
Full
-
100
-
ns
Output Disable Time
±2V to HI-Z
Full
-
3
-
µs
Output Leakage
Disabled
Full
-
-
1
µA
TRANSIENT RESPONSE
Rise Time/Fall Time
200mV Step
25
-
6.3
-
ns
Propagation Delay
10V Step
25
-
7
-
ns
Slew Rate
10V Step
25
-
1200
-
V/
µs
Settling Time
0.1%, 10V Step
25
-
50
-
ns
Overshoot
25
-
10
-
%
POWER SUPPLY CHARACTERISTICS
Supply Current
Enabled
25
-
12
16
mA
Full
-
-
22
mA
Disabled
25
-
7
-
mA
Electrical Specifications
VCC = VC+ = +15V, VEE = VC- = -15V, RS = 50Ω, RL = 100Ω, AV = +1, RF = 250Ω, OE = 0.8V, TOI = 0.8V or
2.0V, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP. (oC)
MIN
TYP
MAX
UNITS
HA-5004


Similar Part No. - HA-5004

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5004/883 INTERSIL-HA-5004/883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
More results

Similar Description - HA-5004

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
LT1223 LINER-LT1223_05 Datasheet
248Kb / 16P
   100MHz Current Feedback Amplifier
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com