Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2842883 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HA-2842883
Description  Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2842883 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HA-2842883 Datasheet HTML 5Page - Intersil Corporation HA-2842883 Datasheet HTML 6Page - Intersil Corporation HA-2842883 Datasheet HTML 7Page - Intersil Corporation HA-2842883 Datasheet HTML 8Page - Intersil Corporation HA-2842883 Datasheet HTML 9Page - Intersil Corporation HA-2842883 Datasheet HTML 10Page - Intersil Corporation HA-2842883 Datasheet HTML 11Page - Intersil Corporation HA-2842883 Datasheet HTML 12Page - Intersil Corporation HA-2842883 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Intersil Corporation and is for use as application
and design information only. No guarantee is implied.
3-240
HA-2842
POSITIVE OUTPUT SWING vs TEMPERATURE
NEGATIVE OUTPUT SWING vs TEMPERATURE
MAXIMUM UNDISTORTED OUTPUT SWING vs FREQUENCY
TOTAL HARMONIC DISTORTION vs FREQUENCY
INTERMODULATION DISTORTION vs FREQUENCY
(TWO TONE)
DIFFERENTIAL GAIN vs LOAD RESISTANCE
Typical Performance Curves V
SUPPLY = ±15V, AV = +2, RL = 1kΩ, CL < 10pF, TA = +25
oC, Unless Otherwise Specified.
15
10
5
2.5
-60
-40
-20
0
+20 +40
+60
+80 +100 +120 +140
TEMPERATURE (oC)
7.5
12.5
±15V, 1kΩ
±15V, 150Ω±15V, 75Ω
±8V, 1kΩ±8V, 150Ω±8V, 75Ω
-60
-40
-20
0
+20
+40
+60 +80 +100 +120 +140
TEMPERATURE (oC)
-2.5
-5
-10
-15
-7.5
-12.5
±15V, 1kΩ
±15V, 150Ω
±15V, 75Ω
±8V, 1kΩ
±8V, 150Ω
±8V, 75Ω
30
25
20
15
10
5
0
1K
10K
100K
1M
10M
100M
FREQUENCY (Hz)
VSUPPLY = ±15V
VSUPPLY = ±8V
100K
1M
10M
-40
-50
-60
-70
-80
-90
FREQUENCY (Hz)
VO = 10VP-P
VO = 2VP-P
VO = 1VP-P
VO = 0.5VP-P
-40
-50
-60
-70
-80
-90
1M
10M
FREQUENCY (Hz)
VO = 0.25VP-P
VO = 0.50VP-P
VO = 1VP-P
VO = 2VP-P
VO = 5VP-P
500K
0.025
0.020
0.015
0.010
0.005
0
100
200
300
400
500
600
700
800
900 1000
LOAD RESISTANCE (
Ω)
VSUPPLY = ±8V
VSUPPLY = ±15V
VSUPPLY = ±10V
Spec Number
511088-883


Similar Part No. - HA-2842883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2842 INTERSIL-HA-2842 Datasheet
508Kb / 10P
   80MHz, High Slew Rate, High Output Current, Video Operational Amplifier
HA-2842 INTERSIL-HA-2842_04 Datasheet
508Kb / 10P
   80MHz, High Slew Rate, High Output Current, Video Operational Amplifier
More results

Similar Description - HA-2842883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2842 INTERSIL-HA-2842_04 Datasheet
508Kb / 10P
   80MHz, High Slew Rate, High Output Current, Video Operational Amplifier
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
logo
Intersil Corporation
HA-2542 INTERSIL-HA-2542 Datasheet
824Kb / 13P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
October 1999
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
logo
Renesas Technology Corp
HA-2542 RENESAS-HA-2542 Datasheet
1Mb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com