Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2842 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA-2842
Description  Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2842 Datasheet(HTML) 5 Page - Intersil Corporation

  HA-2842 Datasheet HTML 1Page - Intersil Corporation HA-2842 Datasheet HTML 2Page - Intersil Corporation HA-2842 Datasheet HTML 3Page - Intersil Corporation HA-2842 Datasheet HTML 4Page - Intersil Corporation HA-2842 Datasheet HTML 5Page - Intersil Corporation HA-2842 Datasheet HTML 6Page - Intersil Corporation HA-2842 Datasheet HTML 7Page - Intersil Corporation HA-2842 Datasheet HTML 8Page - Intersil Corporation HA-2842 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
3-234
Spec Number
511088-883
Die Characteristics
DIE DIMENSIONS:
77 x 81 x 19 mils
± 1 mils
1960 x 2060 x 483
µm ± 25.4µm
METALLIZATION:
Type: Al, 1% Cu
Thickness: 16k
Å
± 2kÅ
GLASSIVATION:
Type: Nitride over Silox
Silox Thickness: 12k
Å
± 2kÅ
Nitride Thickness: 3.5k
Å
± 1.5kÅ
WORST CASE CURRENT DENSITY:
1.83 x 105 A/cm2 at 56mA
SUBSTRATE POTENTIAL (Powered Up): V-
TRANSISTOR COUNT: 58
PROCESS: Bipolar Dielectric Isolation
Metallization Mask Layout
HA-2842/883
V+
OUT
BAL
BAL
-IN
+IN
V-
HA-2842/883


Similar Part No. - HA-2842

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2842 INTERSIL-HA-2842 Datasheet
508Kb / 10P
   80MHz, High Slew Rate, High Output Current, Video Operational Amplifier
HA-2842 INTERSIL-HA-2842_04 Datasheet
508Kb / 10P
   80MHz, High Slew Rate, High Output Current, Video Operational Amplifier
More results

Similar Description - HA-2842

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2842 INTERSIL-HA-2842_04 Datasheet
508Kb / 10P
   80MHz, High Slew Rate, High Output Current, Video Operational Amplifier
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
logo
Intersil Corporation
HA-2542 INTERSIL-HA-2542 Datasheet
824Kb / 13P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
October 1999
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
logo
Renesas Technology Corp
HA-2542 RENESAS-HA-2542 Datasheet
1Mb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com