Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2841 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA-2841
Description  Wideband, Fast Settling, Unity Gain Stable, Video Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2841 Datasheet(HTML) 2 Page - Intersil Corporation

  HA-2841 Datasheet HTML 1Page - Intersil Corporation HA-2841 Datasheet HTML 2Page - Intersil Corporation HA-2841 Datasheet HTML 3Page - Intersil Corporation HA-2841 Datasheet HTML 4Page - Intersil Corporation HA-2841 Datasheet HTML 5Page - Intersil Corporation HA-2841 Datasheet HTML 6Page - Intersil Corporation HA-2841 Datasheet HTML 7Page - Intersil Corporation HA-2841 Datasheet HTML 8Page - Intersil Corporation HA-2841 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
3-64
Specifications HA-2841/883
Absolute Maximum Ratings
Thermal Information
Voltage between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . +35V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Peak Output Current (
≤10% Duty Cycle) . . . . . . . . . . . . . . . . . 50mA
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175
oC
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Lead Temperature (Soldering 10s). . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance
θ
JA
θ
JC
14 Pin CerDIP Package. . . . . . . . . . . . . .
73oC/W
18oC/W
8 Pin CerDIP Package. . . . . . . . . . . . . . .
110oC/W
27oC/W
Package Power Dissipation Limit at +75oC for TJ ≤ +175
oC
14 Pin CerDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.05W
8 Pin CerDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.9W
Package Power Dissipation Derating Factor Above +75oC
14 Pin CerDIP Package. . . . . . . . . . . . . . . . . . . . . . . . 10.5mW/oC
8 Pin CerDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . 9mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range. . . . . . . . . . . . . . . . -55oC to +125oC
Operating Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . ±12V to ±15V
VINCM ≤ 1/2(V+ - V-)
RL ≥ 1kΩ
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: VSUPPLY = ±15V, RSOURCE = 100Ω, RLOAD = 100kΩ, VOUT = 0V, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUP
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Offset Voltage
VIO
VCM = 0V
1
+25oC-4
4
mV
2, 3
+125oC, -55oC-8
8
mV
Input Bias Current
+IB
VCM = 0V, +RS = 1.1kΩ
-RS = 100Ω
1
+25oC
-10
10
µA
2, 3
+125oC, -55oC
-20
20
µA
-IB
VCM = 0V, +RS = 100Ω
-RS = 1.1kΩ
1
+25oC
-10
10
µA
2, 3
+125oC, -55oC
-20
20
µA
Input Offset Current
IIO
VCM = 0V, +RS = 1.1kΩ
-RS = 1.1kΩ
1
+25oC-1
1
µA
2, 3
+125oC, -55oC-2
2
µA
Common Mode Range
+CMR
V+ = 5V
V- = -25V
1
+25oC10
-
V
2, 3
+125oC, -55oC10
-
V
-CMR
V+ = 25V
V- = -5V
1
+25oC
-
-10
V
2, 3
+125oC, -55oC
-
-10
V
Large Signal Voltage
Gain
+AVOL
VOUT = 0V and +10V
RL = 1kΩ
4
+25oC
10
-
kV/V
5, 6
+125oC, -55oC
5
-
kV/V
-AVOL
VOUT = 0V and -10V
RL = 1kΩ
4
+25oC
10
-
kV/V
5, 6
+125oC, -55oC
5
-
kV/V
Common Mode
Rejection Ratio
+CMRR
∆V
CM = 10V,
VOUT = -10V
V+ = 5V, V- = -25V
1
+25oC86
-
dB
2, 3
+125oC, -55oC80
-
dB
-CMRR
∆V
CM = -10V,
VOUT = 10V
V+ = 25V, V- = -5V
1
+25oC86
-
dB
2, 3
+125oC, -55oC80
-
dB
Spec Number
511087-883


Similar Part No. - HA-2841

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2841 INTERSIL-HA-2841 Datasheet
450Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
logo
Renesas Technology Corp
HA-2841 RENESAS-HA-2841 Datasheet
588Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2841 INTERSIL-HA-2841_03 Datasheet
450Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
More results

Similar Description - HA-2841

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
logo
Intersil Corporation
HA-2541883 INTERSIL-HA-2541883 Datasheet
40Kb / 5P
   Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
HA-2841 INTERSIL-HA-2841_03 Datasheet
450Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
logo
Renesas Technology Corp
HA-2841 RENESAS-HA-2841 Datasheet
588Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2541 INTERSIL-HA-2541_04 Datasheet
459Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
HA-2541 INTERSIL-HA-2541 Datasheet
481Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
September 1998
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
AD841 AD-AD841_15 Datasheet
338Kb / 16P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
AD841 AD-AD841_17 Datasheet
377Kb / 17P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com