Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1-2539-5 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA1-2539-5
Description  600MHz, Very High Slew Rate Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA1-2539-5 Datasheet(HTML) 2 Page - Intersil Corporation

  HA1-2539-5 Datasheet HTML 1Page - Intersil Corporation HA1-2539-5 Datasheet HTML 2Page - Intersil Corporation HA1-2539-5 Datasheet HTML 3Page - Intersil Corporation HA1-2539-5 Datasheet HTML 4Page - Intersil Corporation HA1-2539-5 Datasheet HTML 5Page - Intersil Corporation HA1-2539-5 Datasheet HTML 6Page - Intersil Corporation HA1-2539-5 Datasheet HTML 7Page - Intersil Corporation HA1-2539-5 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage Between V+ and V- Terminals. . . . . . . . . . . . . . 35V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Peak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . 33mARMS
Operating Conditions
Temperature Range
HA-2539-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
HA-2539-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
CERDIP Package . . . . . . . . . . . . . . . . .
75
20
PDIP Package . . . . . . . . . . . . . . . . . . .
107
N/A
Maximum Internal Quiescent Power Dissipation (Note 1)
Maximum Junction Temperature (Ceramic Package) . . . . . . .175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Maximum power dissipation with load conditions must be designed to maintain the maximum junction temperature below 175oC for the ceramic
package and below 150oC for the plastic package. By using Application Note AN556 on Safe Operating Area equations, along with the thermal
resistances, proper load conditions can be determined. Heat sinking is recommended above 75oC.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = ±15V, RL = 1kΩ, CL < 10pF, Unless Otherwise Specified
PARAMETER
TEMP.
(oC)
HA-2539-2
HA-2539-5
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
INPUT CHARACTERISTICS
Offset Voltage
25
-
8
10
-
8
15
mV
Full
-
13
15
-
13
20
mV
Average Offset Voltage Drift
Full
-
20
-
-
20
-
µV/oC
Bias Current
25
-
5
20
-
5
20
µA
Full
-
-
25
-
-
25
µA
Offset Current
25
-
1
6
-
1
6
µA
Full
-
-
8
-
-
8
µA
Input Resistance
25
-
10
-
-
10
-
k
Input Capacitance
25
-
1
-
-
1
-
pF
Common Mode Range
Full
±10.0
-
-
±10.0
-
-
V
Input Current Noise
(f = 1kHz, RSOURCE = 0Ω)
25
-
6
-
-
6
-
pA/
√Hz
Input Voltage Noise
(f = 1kHz, RSOURCE = 0Ω)
25
-
6
-
-
6
-
nV/
√Hz
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain
(Note 3)
25
10
15
-
10
15
-
kV/V
Full
5
-
-
5
-
--
kV/V
Common Mode Rejection Ratio
(Note 4)
Full
60
72
-
60
72
-
dB
Minimum Stable Gain
25
10
-
-
10
-
-
V/V
Gain Bandwidth (Notes 5, 6)
25
-
600
-
-
600
-
MHz
OUTPUT CHARACTERISTICS
Output Voltage Swing
(Notes 3, 10)
Full
±10.0
-
-
±10.0
-
-
V
Output Current (Note 3)
25
±10
±20
-
±10
±20
-
mA
Output Resistance
25
-
30
-
-
30
-
Full Power Bandwidth
(Notes 3, 7)
25
8.7
9.5
-
8.7
9.5
-
MHz
HA-2539


Similar Part No. - HA1-2539-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-2540-2 INTERSIL-HA1-2540-2 Datasheet
518Kb / 7P
   400MHz, Fast Settling Operational Amplifier
September 1998
HA1-2540-5 INTERSIL-HA1-2540-5 Datasheet
518Kb / 7P
   400MHz, Fast Settling Operational Amplifier
September 1998
HA1-2540-5 INTERSIL-HA1-2540-5 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Renesas Technology Corp
HA1-2540-5 RENESAS-HA1-2540-5 Datasheet
652Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Intersil Corporation
HA1-2541-5 INTERSIL-HA1-2541-5 Datasheet
481Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
September 1998
More results

Similar Description - HA1-2539-5

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HA2840 HARRIS-HA2840 Datasheet
142Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2839 HARRIS-HA-2839 Datasheet
140Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA-2539 INTERSIL-HA-2539_03 Datasheet
518Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2840 INTERSIL-HA-2840_98 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Renesas Technology Corp
HA-2539 RENESAS-HA-2539 Datasheet
678Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
134Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
July 1994
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com