Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28392-BRF-001-A Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 28392-BRF-001-A
Description  Quad/x16/Octal T1/E1/J1 Framers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

28392-BRF-001-A Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  28392-BRF-001-A_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 28392-BRF-001-A_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 28392-BRF-001-A_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 28392-BRF-001-A_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Fully-Featured T1/E1/J1 Framers
The highly integrated T1/E1/J1 framers from Mindspeed
Technologies™ drive down per-port framer costs,
support a scalable system roadmap, and provide a single
3.3 V chip for T1, E1 and J1 applications. They support
current ANSI, ETSI, ITU-T, TTC-JT and Bellcore standards.
Physical-layer support is provided for alarm generation
and detection, error monitoring, per-channel trunk
conditioning, and Facility Data Link (FDL) maintenance.
Data link layer support is provided for signaling channels
(LAPD/SS7) as well as robbed bit (T1) and time slot
16 (E1) Channel Associated Signaling buffers.
A serial Time Division Multiplex (TDM) system bus
interface allows the backplane Pulse Code Modulation
(PCM) data highway to operate at rates from 1.536 to
8.192 Mbps, with separate TDM buses or combinations
of up to four ports multiplexed onto a single TDM bus.
Provision of both transmit and receive slip buffers means
that the system interface may be connected to a common
backplane for both T1 and E1 services. An additional
benefit of this flexibility is that a gapped system interface
may be used, at clock rates up to 8.192 MHz.
The parallel eight-bit microprocessor port supports
Intel- or Motorola-style interfaces. Control and status
registers may be memory-mapped and all interrupts from
real-time events may be separately masked and latched.
An embedded serial port is included in the CN8394 and
CN8398 as an extension of the parallel microprocessor
interface and may be used to control external line
interface units (LIUs) and other peripheral devices. The
framers may be connected directly to most LIUs for
non-multiplexed T1 or E1 connections, or to an external
mux for higher-rate connections, such as DS3 and E3.
Both unipolar (single-rail) non-return to zero (NRZ) and
bipolar encoded line interface formats are supported.
A CONEXANT BUSINESS
> 2,4,8 or 16 T1/E1/J1 framers
in one package
> T1: SF, ESF, SLC-96, T1DM,TTC
JT (J1)
> E1: PCM-30, G.704, G.706, G.732,
ETS 300 011, INS 500
> Dual HDLC controllers
per framer
> Two-frame transmit and
receive PCM slip buffers
> Single 3.3 V power supply
>
>
KE Y FEATURES
Quad/x16/Octal T1/E1/J1 Framers
CX28392/8394/8398/8395


Similar Part No. - 28392-BRF-001-A_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28392-BRF-001-A MA-COM-28392-BRF-001-A Datasheet
108Kb / 4P
   Quad/x16/Octal T1/E1/J1 Framers
More results

Similar Description - 28392-BRF-001-A_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28392-BRF-001-A MA-COM-28392-BRF-001-A Datasheet
108Kb / 4P
   Quad/x16/Octal T1/E1/J1 Framers
logo
Synaptics Incorporated.
CX28395 CONEXANT-CX28395 Datasheet
1Mb / 305P
   Quad/x16/Octal-T1/E1/J1 Framers
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38_06 Datasheet
5Mb / 453P
   OCTAL T1/E1/J1 FRAMER
logo
Dallas Semiconductor
DS26528 DALLAS-DS26528_07 Datasheet
1Mb / 276P
   Octal T1/E1/J1 Transceiver
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38 Datasheet
4Mb / 451P
   OCTAL T1/E1/J1 FRAMER
logo
Integrated Device Techn...
IDT82V2108 IDT-IDT82V2108 Datasheet
1Mb / 272P
   T1 / E1 / J1 OCTAL FRAMER
logo
Renesas Technology Corp
IDT82V2108 RENESAS-IDT82V2108 Datasheet
1Mb / 293P
   T1 / E1 / J1 Octal Framer
November 26, 2012
logo
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
logo
Dallas Semiconductor
DS26401 DALLAS-DS26401 Datasheet
1Mb / 309P
   Octal T1/E1/J1 Framer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com