Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA3-2406-5 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HA3-2406-5
Description  30MHz, Digitally Selectable Four Channel Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA3-2406-5 Datasheet(HTML) 6 Page - Intersil Corporation

  HA3-2406-5 Datasheet HTML 1Page - Intersil Corporation HA3-2406-5 Datasheet HTML 2Page - Intersil Corporation HA3-2406-5 Datasheet HTML 3Page - Intersil Corporation HA3-2406-5 Datasheet HTML 4Page - Intersil Corporation HA3-2406-5 Datasheet HTML 5Page - Intersil Corporation HA3-2406-5 Datasheet HTML 6Page - Intersil Corporation HA3-2406-5 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FIGURE 9. OPEN LOOP VOLTAGE GAIN vs TEMPERATURE
FIGURE 10. OUTPUT VOLTAGE SWING vs FREQUENCY
FIGURE 11. EQUIVALENT INPUT NOISE vs BANDWIDTH
FIGURE 12. INPUT NOISE vs FREQUENCY
FIGURE 13. SLEW RATE AND TRANSIENT RESPONSE
Typical Performance Curves (Continued)
VS = ±20V
VS = ±15V
VS = ±10V
TEMPERATURE (oC)
025
50
75
105
100
FREQUENCY (Hz)
10K
100K
1M
10M
0.1
1.0
10
20
CCOMP = 0pF
CCOMP = 15pF
100Hz
1kHz
10kHz
100kHz
1MHz
UPPER 3dB FREQUENCY (LOWER 3dB FREQUENCY-10Hz)
BROADBAND NOISE CHARACTERISTICS
100
10
1.0
0.1
0K SOURCE RESISTANCE
10K SOURCE RESISTANCE
THERMAL NOISE OF
10K RESISTOR
1
100
1K
10K
100K
10
FREQUENCY (Hz)
1000
100
10
1
10
1
0.1
0.01
INPUT NOISE VOLTAGE
INPUT NOISE CURRENT
COMP
AV = 1
IN
15pF
+15.0V
OUT
SELECTED
CHANNEL
-15.0V
1800
200
+
-
AV = 10
50pF
45
5
HA-2406


Similar Part No. - HA3-2406-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA3-2406-5 INTERSIL-HA3-2406-5 Datasheet
336Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
logo
Renesas Technology Corp
HA3-2406-5 RENESAS-HA3-2406-5 Datasheet
511Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
More results

Similar Description - HA3-2406-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2406 INTERSIL-HA-2406_02 Datasheet
336Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
logo
Renesas Technology Corp
HA-2406 RENESAS-HA-2406 Datasheet
511Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
logo
Intersil Corporation
HA-2444883 INTERSIL-HA-2444883 Datasheet
47Kb / 7P
   Selectable, Four Channel Video Operational Amplifier
HA-2444 INTERSIL-HA-2444 Datasheet
544Kb / 6P
   50MHz, Selectable, Four Channel Video Operational Amplifier
logo
Wuxi Youda electronics ...
YD324 YOUDA-YD324 Datasheet
94Kb / 4P
   FOUR OPERATIONAL AMPLIFIER
logo
ELM Electronics
ELM381P ELM-ELM381P Datasheet
34Kb / 4P
   Digitally selectable delays
logo
Intersil Corporation
HS-2400RH INTERSIL-HS-2400RH_00 Datasheet
45Kb / 3P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
HS-2400RH INTERSIL-HS-2400RH Datasheet
101Kb / 5P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
CA3094 INTERSIL-CA3094_00 Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com