Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8568 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8568
Description  16 V Rail-to-Rail Buffer Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8568 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8568_15 Datasheet HTML 4Page - Analog Devices AD8568_15 Datasheet HTML 5Page - Analog Devices AD8568_15 Datasheet HTML 6Page - Analog Devices AD8568_15 Datasheet HTML 7Page - Analog Devices AD8568_15 Datasheet HTML 8Page - Analog Devices AD8568_15 Datasheet HTML 9Page - Analog Devices AD8568_15 Datasheet HTML 10Page - Analog Devices AD8568_15 Datasheet HTML 11Page - Analog Devices AD8568_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
–10–
AD8568/AD8569/AD8570
REV. C
OUTLINE DIMENSIONS
6-Lead Small Outline Transistor Package [SOT-23]
(RT-6)
Dimensions shown in millimeters
1
3
4
5
2
6
2.90 BSC
PIN 1
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.22
0.08
10
4
0
0.50
0.30
0.15 MAX
1.30
1.15
0.90
SEATING
PLANE
1.45 MAX
0.60
0.45
0.30
COMPLIANT TO JEDEC STANDARDS MO-178AB
10-Lead Micro Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
0.23
0.08
0.80
0.60
0.40
8
0
0.15
0.00
0.27
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
3.00 BSC
3.00 BSC
4.90 BSC
PIN 1
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-187BA
32-Lead Lead Frame Chip Scale Package [LFCSP]
5 x 5 mm Body
(CP-32-2)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
0.30
0.23
0.18
0.20 REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
12 MAX
1.00
0.85
0.80
SEATING
PLANE
COPLANARITY
0.08
1
32
8
9
25
24
16
17
BOTTOM
VIEW
0.50
0.40
0.30
3.50 REF
0.50
BSC
PIN 1
INDICATOR
TOP
VIEW
5.00
BSC SQ
4.75
BSC SQ
SQ
3.25
3.10
2.95
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
0.25 MIN


Similar Part No. - AD8568_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8568ART AD-AD8568ART Datasheet
127Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. A
AD8568ART-R2 AD-AD8568ART-R2 Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8568ART-REEL AD-AD8568ART-REEL Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8568ART-REEL7 AD-AD8568ART-REEL7 Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8568 AD-AD8568_03 Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
More results

Similar Description - AD8568_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8569 AD-AD8569_15 Datasheet
140Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8570 AD-AD8570_15 Datasheet
140Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8568 AD-AD8568_03 Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8568 AD-AD8568 Datasheet
127Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. A
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8567 AD-AD8567_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565 Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com