Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2121-D Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD2121-D
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD2121-D Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD2121-D Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD2121-D Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SD2121
Typical Characterisitics
Maximum Collector Dissipation Curve
30
20
10
0
50
100
150
Case temperature TC (ϒC)
10
1.0
3.0
0.3
0.1
1
10
3
30
100
Collector to emitter voltage VCE (V)
Ta = 25。C
1 shot pulse
iC(peak)
IC(max)
Area of Safe Operation
PW = 10 ms
Ta = 25。C
IB = 0
2.0
1.6
1.2
0.8
0.4
0
1
Collector to emitter voltage VCE (V)
3
5
2
4
Typical Output Characteristics
2 mA
4
10
12
14
16
6
8
1,000
300
30
100
10
0.03
0.1
0.3
Collector current IC (A)
1.0
3.0
VCE = 2 V
Ta = 25 C
DC Current Transfer Ratio
vs. Collector Current
Collector to Emitter Saturation Voltage
vs. Collector Current
1.0
0.3
0.1
0.03
0.01
0.03
0.3
0.1
1.0
3.0
Collector current IC (A)
IC = 10 IB
Ta = 25 C
2.0
1.6
1.2
0.8
0.4
0
0.4
Base to emitter voltage VBE (V)
1.2
0.8
2.0
1.6
Typical Transfer Characteristics
VCE = 2 V
Ta = 25 C


Similar Part No. - 2SD2121-D

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD2121 HITACHI-2SD2121 Datasheet
31Kb / 5P
   Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SD2121 RENESAS-2SD2121 Datasheet
145Kb / 6P
   Silicon NPN Epitaxial
logo
Hitachi Semiconductor
2SD2121L HITACHI-2SD2121L Datasheet
31Kb / 5P
   Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SD2121L RENESAS-2SD2121L Datasheet
145Kb / 6P
   Silicon NPN Epitaxial
logo
Hitachi Semiconductor
2SD2121S HITACHI-2SD2121S Datasheet
31Kb / 5P
   Silicon NPN Epitaxial
More results

Similar Description - 2SD2121-D

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com