Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1615 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1615
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1615 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1615_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1615_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1615_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
NPN Transistors
2SD1615
Typical Characterisitics
0.01 0.02 0.05 0.1 0.2
0.5 1
2
5 10
1
2
5
10
20
50
100
200
500
1000
GAIN BANDWIDTH PRODUCT vs.
EMITTER CURRENT
IC – Collector Current – A
VEC = 2.0 V
1
2
5
10
20
50
100
2
5
10
20
50
100
OUTPUT CAPCITANCE vs.
COLLECTOR TO BASE VOLTAGE
VCB – Collector to Base Voltage – V
IE = 0
f = 1.0 MHZ
0.01 0.02
0.05 0.1
0.2
0.5
1
IC – Collector Current – A
0.05
0.1
0.2
0.5
1
2
SWITCHING TIME vs.
COLLECTOR CURRENT
VCC = 10 V
IC = 10.IBI = –10.IB2
VBE(off) = –2 to 3 V
PW = 2 s
Duty Cycle ≤ 2 %
µ
..
tf
ton
tstg


Similar Part No. - 2SD1615_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1615A NEC-2SD1615A Datasheet
49Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTORS POWER MINI MOLD
logo
Guangdong Kexin Industr...
2SD1615A KEXIN-2SD1615A Datasheet
52Kb / 1P
   NPN Silicon Epitaxial Transistor
logo
Renesas Technology Corp
2SD1615A RENESAS-2SD1615A Datasheet
210Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1615A RENESAS-2SD1615A Datasheet
210Kb / 6P
   Old Company Name in Catalogs and Other Documents
logo
Guangdong Kexin Industr...
2SD1615A-P KEXIN-2SD1615A-P Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - 2SD1615_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com