Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1366-B Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1366-B
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1366-B Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1366-B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1366-B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1366-B Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SD1366
Typical Characterisitics
0
0.4
0.8
1.2
50
Ambient Temperature Ta (。C)
Maximum Collector Dissipation Curve
100
150
0
200
800
600
400
1,000
0.4
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
0.8
1.2
1.4
1.6
1 mA
IB = 0
2
3
4
5
6
7
1
3
300
100
30
10
1,000
0.2
0
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
0.4
0.6
0.8
1.0
VCE = 2 V
Ta = 75 C
25 C
5
10
20
1,000
200
500
100
50
5,000
2,000
3
1
Collector Current IC (mA)
DC Current Transfer Ratio
vs. Collector Current
10
30
100 300 1,000
VCE = 2 V
Ta = 75 C
25 C
0
0.05
0.15
0.10
0.25
0.20
3
1
Collector Current IC (mA)
Collector to Emitter Saturation
Voltage vs. Collector Current
10
30
100 300 1,000
IC = 10 IB
Ta = 75 C
25
0
200
100
300
30
10
Collector Current IC (mA)
Gain Bandwidth Product
vs. Collector Current
100
300
1,000
VCE = 2 V


Similar Part No. - 2SD1366-B

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD1366-B-HF KEXIN-2SD1366-B-HF Datasheet
902Kb / 3P
   NPN Transistors
More results

Similar Description - 2SD1366-B

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com