Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSYC163R1 Datasheet(PDF) 4 Page - Intersil Corporation

Part # FSYC163R1
Description  Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSYC163R1 Datasheet(HTML) 4 Page - Intersil Corporation

  FSYC163R1 Datasheet HTML 1Page - Intersil Corporation FSYC163R1 Datasheet HTML 2Page - Intersil Corporation FSYC163R1 Datasheet HTML 3Page - Intersil Corporation FSYC163R1 Datasheet HTML 4Page - Intersil Corporation FSYC163R1 Datasheet HTML 5Page - Intersil Corporation FSYC163R1 Datasheet HTML 6Page - Intersil Corporation FSYC163R1 Datasheet HTML 7Page - Intersil Corporation FSYC163R1 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-4
FIGURE 3. MAXIMUM CONTINUOUS DRAIN CURRENT vs
TEMPERATURE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. BASIC GATE CHARGE WAVEFORM
FIGURE 6. NORMALIZED rDS(ON) vs JUNCTION TEMPERATURE
FIGURE 7. NORMALIZED MAXIMUM TRANSIENT THERMAL RESPONSE
Typical Performance Curves Unless Otherwise Specified (Continued)
TC, CASE TEMPERATURE (
oC)
150
100
50
0
-50
0
20
40
80
60
100
10
1
1
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
10
100
TC = 25
oC
100
µs
1ms
10ms
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
300
500
CHARGE
QGD
QG
VG
QGS
12V
2.5
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 250ms, VGS = 12V, ID = 39A
10-5
10-4
10-3
10-2
10-1
100
0.001
0.01
0.1
t, RECTANGULAR PULSE DURATION (s)
1
10
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC + TC
SINGLE PULSE
0.05
0.5
0.02
0.1
0.01
0.2
101
FSYC163D, FSYC163R


Similar Part No. - FSYC163R1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSYC160D INTERSIL-FSYC160D Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
July 1998
FSYC160D1 INTERSIL-FSYC160D1 Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
July 1998
FSYC160D3 INTERSIL-FSYC160D3 Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
July 1998
FSYC160R INTERSIL-FSYC160R Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
July 1998
FSYC160R1 INTERSIL-FSYC160R1 Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
July 1998
More results

Similar Description - FSYC163R1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYE23A0D INTERSIL-FSYE23A0D Datasheet
57Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 1999
FSYA254D INTERSIL-FSYA254D Datasheet
55Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSYA450D INTERSIL-FSYA450D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSPYE230R INTERSIL-FSPYE230R Datasheet
83Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSL214D INTERSIL-FSL214D Datasheet
57Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
October 1998
FSPL230R INTERSIL-FSPL230R Datasheet
81Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 2000
FSPYC260R INTERSIL-FSPYC260R Datasheet
83Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com