Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8385 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8385
Description  10-Bit, 12-Channel Decimating
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8385 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8385_15 Datasheet HTML 6Page - Analog Devices AD8385_15 Datasheet HTML 7Page - Analog Devices AD8385_15 Datasheet HTML 8Page - Analog Devices AD8385_15 Datasheet HTML 9Page - Analog Devices AD8385_15 Datasheet HTML 10Page - Analog Devices AD8385_15 Datasheet HTML 11Page - Analog Devices AD8385_15 Datasheet HTML 12Page - Analog Devices AD8385_15 Datasheet HTML 13Page - Analog Devices AD8385_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8385
Rev. 0 | Page 10 of 24
Pin Name
Function
Description
SCL
Serial Interface Data
Clock
Clock for the Serial Interface.
SDI
Serial Interface Data
Input
While the SEN input is low, one 12-bit serial word is loaded into the serial interface on the rising
edges of SCL. The first four bits select the function; the following eight bits are the data used in the
serial DACs.
SEN
Serial Interface
Enable
A falling edge of this input initiates a loading cycle. While this input is held low, the serial interface
is enabled and data is loaded on every rising edge of SCL. The selected functions are updated on
the rising edge of this input. While this input is held high, the serial interface is disabled.
VAO1, VAO2
Serial DAC Voltage
Output
These output voltages are updated on the rising edge of the SEN input.
TSTM
Test Mode
When this input is low, the overload protection and output mode are determined by the function
programmed into the serial interface. While this input is held high, the overload protection is
forced to enabled and the output mode is forced to normal, regardless of function programmed
into the serial interface.
TSTA
Test Pin
Connect this pin to DGND.
MONITI
Monitor Input
Logic Input of the Level Shifting Inverting Edge Detector.
MONITO
Monitor Output
Output of the Level Shifting Inverting Edge Detector.
DYIN, DIRYIN,
DIRXIN, DXIN,
NRGIN,
ENBX(1–4)IN
Inverting Level
Shifter Inputs
Logic Input of the Inverting Level Shifters.
DX, DY, DIRX,
DIRY, NRG,
ENBX(1–4)
Inverting Level
Shifter Outputs
While the corresponding input voltage of these level shifters is below the threshold voltage, the
output voltage at these pins is at VOH. While the corresponding input voltage of these level
shifters is above the threshold voltage, the output voltage at these pins is at VOL.
CLXIN, CLYIN
Complementary
Level Shifter Inputs
Logic Input of the Complementary Level Shifters.
CLX, CLXN,
CLY, CLYN,
Complementary
Level Shifter
Outputs
While the corresponding input voltage of these level shifters is below the threshold voltage, the
voltage at the noninverting output pins is at VOH and the voltage at the inverting outputs is at
VOL. While the corresponding input voltage of these level shifters is above the threshold voltage,
the voltage at the noninverting output pins is at VOL and the voltage at the inverting outputs is at
VOH.


Similar Part No. - AD8385_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8385ASVZ AD-AD8385ASVZ Datasheet
767Kb / 24P
   10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
REV. 0
More results

Similar Description - AD8385_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8386 AD-AD8386 Datasheet
380Kb / 20P
   10-Bit, 12-Channel Output Decimating LCD Driver
REV. 0
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
   10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
REV. 0
AD8387 AD-AD8387 Datasheet
396Kb / 16P
   High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
REV. 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
   High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
REV. 0
AD8383 AD-AD8383 Datasheet
376Kb / 16P
   Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
REV. 0
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
logo
Analog Devices
AD8384 AD-AD8384 Datasheet
470Kb / 24P
   10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
REV. 0
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242C FAIRCHILD-TMC2242C Datasheet
236Kb / 13P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com