Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSPYE234F4 Datasheet(PDF) 3 Page - Intersil Corporation

Part # FSPYE234F4
Description  Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSPYE234F4 Datasheet(HTML) 3 Page - Intersil Corporation

  FSPYE234F4 Datasheet HTML 1Page - Intersil Corporation FSPYE234F4 Datasheet HTML 2Page - Intersil Corporation FSPYE234F4 Datasheet HTML 3Page - Intersil Corporation FSPYE234F4 Datasheet HTML 4Page - Intersil Corporation FSPYE234F4 Datasheet HTML 5Page - Intersil Corporation FSPYE234F4 Datasheet HTML 6Page - Intersil Corporation FSPYE234F4 Datasheet HTML 7Page - Intersil Corporation FSPYE234F4 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Forward Voltage
VSD
ISD = 9A
-
-
1.2
V
Reverse Recovery Time
trr
ISD = 9A, dISD/dt = 100A/µs
-
-
310
ns
Reverse Recovery Charge
QRR
-
1.9
-
µC
Electrical Specifications up to 300K RAD TC = 25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
100K RAD
300K RAD
Drain to Source Breakdown Volts
(Note 3)
BVDSS
VGS = 0, ID = 1mA
250
-
-
-
V
Gate to Source Threshold Volts
(Note 3)
VGS(TH)
VGS = VDS, ID = 1mA
2.0
4.5
1.5
4.5
V
Gate to Body Leakage
(Notes 2, 3)
IGSS
VGS = ±30V, VDS = 0V
-
100
100
nA
Zero Gate Leakage
(Note 3)
IDSS
VGS = 0, VDS = 200V
-
25
50
µA
Drain to Source On-State Volts
(Notes 1, 3)
VDS(ON)
VGS = 12V, ID = 9A
-
1.98
-
2.97
V
Drain to Source On Resistance
(Notes 1, 3)
rDS(ON)12
VGS = 12V, ID = 6A
-
0.215
-
0.270
NOTES:
1. Pulse test, 300
µs Max.
2. Absolute value.
3. Insitu Gamma bias must be sampled for both VGS = 12V, VDS = 0V and VGS = 0V, VDS = 80% BVDSS.
Single Event Effects (SEB, SEGR) Note 4
TEST
SYMBOL
ENVIRONMENT (NOTE 5)
APPLIED
VGS BIAS
(V)
(NOTE 6)
MAXIMUM
VDS BIAS (V)
ION SPECIES
TYPICAL LET
(MeV/mg/cm)
TYPICAL
RANGE (
µ)
Single Event Effects Safe Operating Area
SEESOA
Br
37
36
-10
250
Br
37
36
-15
200
I
60
32
-2
200
I
60
32
-8
150
Au
82
28
0
150
Au
82
28
-5
100
NOTES:
4. Testing conducted at Brookhaven National Labs.
5. Fluence = 1E5 ions/cm2 (typical), T = 25oC.
6. Does not exhibit Single Event Burnout (SEB) or Single Event Gate Rupture (SEGR).
Performance Curves Unless Otherwise Specified
FIGURE 1. SINGLE EVENT EFFECTS SAFE OPERATING AREA
FIGURE 2. TYPICAL SEE SIGNATURE CURVE
120
80
40
0
0
-20
VGS (V)
160
LET = 60MeV/mg/cm2, RANGE = 32
µ
LET = 37MeV/mg/cm2, RANGE = 36
µ
LET = 82MeV/mg/cm2, RANGE = 28
µ
200
240
-4
-8
-12
TEMP = 25oC
FLUENCE = 1E5 IONS/cm2 (TYPICAL)
-16
280
LET = 82 GOLD
LET = 60 IODINE
LET = 37 BROMINE
240
200
160
120
80
40
0
-30
0
-5
-10
-15
-20
-25
VGS (V)
280
FSPYE234R, FSPYE234F


Similar Part No. - FSPYE234F4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSPYE230 INTERSIL-FSPYE230 Datasheet
83Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSPYE230D1 INTERSIL-FSPYE230D1 Datasheet
83Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSPYE230F INTERSIL-FSPYE230F Datasheet
83Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSPYE230F3 INTERSIL-FSPYE230F3 Datasheet
83Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSPYE230F4 INTERSIL-FSPYE230F4 Datasheet
83Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
More results

Similar Description - FSPYE234F4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYE23A0D INTERSIL-FSYE23A0D Datasheet
57Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 1999
FSYA254D INTERSIL-FSYA254D Datasheet
55Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSYA450D INTERSIL-FSYA450D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSPYE230R INTERSIL-FSPYE230R Datasheet
83Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSL214D INTERSIL-FSL214D Datasheet
57Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
October 1998
FSPL230R INTERSIL-FSPL230R Datasheet
81Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 2000
FSPYC260R INTERSIL-FSPYC260R Datasheet
83Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSYC163D INTERSIL-FSYC163D Datasheet
61Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com