Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSS230R Datasheet(PDF) 5 Page - Intersil Corporation

Part # FSS230R
Description  8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSS230R Datasheet(HTML) 5 Page - Intersil Corporation

  FSS230R Datasheet HTML 1Page - Intersil Corporation FSS230R Datasheet HTML 2Page - Intersil Corporation FSS230R Datasheet HTML 3Page - Intersil Corporation FSS230R Datasheet HTML 4Page - Intersil Corporation FSS230R Datasheet HTML 5Page - Intersil Corporation FSS230R Datasheet HTML 6Page - Intersil Corporation FSS230R Datasheet HTML 7Page - Intersil Corporation FSS230R Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3-81
FIGURE 8. UNCLAMPED INDUCTIVE SWITCHING
Test Circuits and Waveforms
FIGURE 9. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 10. UNCLAMPED ENERGY WAVEFORMS
FIGURE 11. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 12. RESISTIVE SWITCHING WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
10
1
0.1
1
10
50
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV, TIME IN AVALANCHE (ms)
IF R = 0
tAV = (L) (IAS) /
(1.3 RATED BVDSS - VDD)
IF R
≠ 0
tAV = (L/R) ln [(IAS*R) /
(1.3 RATED BVDSS - VDD) + 1]
0.01
tP
VGS ≤ 20V
L
+
-
VDS
VDD
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
50
50
50V-150V
IAS
+
-
ELECTRONIC SWITCH OPENS
WHEN IAS IS REACHED
CURRENT
TRANSFORMER
VDD
VDS
BVDSS
tP
IAS
tAV
VDS
DUT
RGS
0V
VGS = 12V
VDD
RL
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
FSS230D, FSS230R


Similar Part No. - FSS230R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSS23 ETC1-FSS23 Datasheet
48Kb / 3P
   2 Amp. Surface Mounted Schottky Barrier Rectifier
logo
Sanyo Semicon Device
FSS232 SANYO-FSS232 Datasheet
42Kb / 4P
   Load Switching Applications
FSS234 SANYO-FSS234 Datasheet
29Kb / 4P
   DC / DC Converter Applications
logo
Intersil Corporation
FSS234D INTERSIL-FSS234D Datasheet
45Kb / 8P
   6A, 250V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS234D1 INTERSIL-FSS234D1 Datasheet
45Kb / 8P
   6A, 250V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results

Similar Description - FSS230R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
   8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
JANSR2N7400 INTERSIL-JANSR2N7400 Datasheet
43Kb / 8P
   8A, 200V, 0.440 Ohm, Rad Hard, N-Channel Power MOSFET
FSL230D INTERSIL-FSL230D Datasheet
45Kb / 8P
   5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ260D INTERSIL-FSJ260D Datasheet
46Kb / 8P
   44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSF250D INTERSIL-FSF250D Datasheet
45Kb / 8P
   24A, 200V, 0.110 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSYA250D INTERSIL-FSYA250D Datasheet
46Kb / 8P
   27A, 200V, 0.100 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ9260D INTERSIL-FSJ9260D Datasheet
46Kb / 8P
   27A, -200V, 0.130 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSS9230D INTERSIL-FSS9230D Datasheet
45Kb / 8P
   4A, -200V, 1.60 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSS923A0D INTERSIL-FSS923A0D Datasheet
56Kb / 8P
   7A, -200V, 0.650 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSF9250D INTERSIL-FSF9250D Datasheet
45Kb / 8P
   15A, -200V, 0.290 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com