Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8383 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8383
Description  Low Cost 10-Bit, 6-Channel Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8383 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8383_15 Datasheet HTML 3Page - Analog Devices AD8383_15 Datasheet HTML 4Page - Analog Devices AD8383_15 Datasheet HTML 5Page - Analog Devices AD8383_15 Datasheet HTML 6Page - Analog Devices AD8383_15 Datasheet HTML 7Page - Analog Devices AD8383_15 Datasheet HTML 8Page - Analog Devices AD8383_15 Datasheet HTML 9Page - Analog Devices AD8383_15 Datasheet HTML 10Page - Analog Devices AD8383_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8383
Rev. 0 | Page 7 of 16
TIMING DIAGRAMS
CLK
DB(0:9)
STSQ
XFR
VTH = 1.65V
VTH = 1.65V
VTH = 1.65V
VTH = 1.65V
tCLK LOW
tCLK HIGH
tHOLD
tSKEW
tSETUP
tSETUP
tHOLD
Figure 3. Timing Diagram, Even Mode (E/O = HIGH)
CLK
DB(0:9)
STSQ
XFR
VTH = 1.65V
VTH = 1.65V
VTH = 1.65V
VTH = 1.65V
tCLK LOW
tCLK HIGH
tHOLD
tHOLD
tSETUP
tSETUP
tSKEW
tHOLD
tSETUP
Figure 4. Timing Diagram, Odd Mode (E/O = LOW)


Similar Part No. - AD8383_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8383ACPZ AD-AD8383ACPZ Datasheet
376Kb / 16P
   Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
REV. 0
More results

Similar Description - AD8383_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8383 AD-AD8383 Datasheet
376Kb / 16P
   Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
REV. 0
AD561JNZ AD-AD561JNZ Datasheet
213Kb / 8P
   Low Cost 10-Bit Low Cost 10-Bit
REV. A
logo
ECS, Inc.
ECS-100X ECS-ECS-100X_14 Datasheet
183Kb / 2P
   10 TTL output load Low cost
logo
Analog Devices
AD7533 AD-AD7533 Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533 AD-AD7533_15 Datasheet
353Kb / 12P
   CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
AD7533JNZ AD-AD7533JNZ Datasheet
353Kb / 12P
   CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
AD7533 AD-AD7533 Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD561 AD-AD561_15 Datasheet
213Kb / 8P
   Low Cost 10-Bit Monolithic D/A Converter
REV. A
AD561 AD-AD561_17 Datasheet
623Kb / 5P
   LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com