Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8349 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8349
Description  700 MHz to 2700 MHz Quadrature Modulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8349 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8349_15 Datasheet HTML 4Page - Analog Devices AD8349_15 Datasheet HTML 5Page - Analog Devices AD8349_15 Datasheet HTML 6Page - Analog Devices AD8349_15 Datasheet HTML 7Page - Analog Devices AD8349_15 Datasheet HTML 8Page - Analog Devices AD8349_15 Datasheet HTML 9Page - Analog Devices AD8349_15 Datasheet HTML 10Page - Analog Devices AD8349_15 Datasheet HTML 11Page - Analog Devices AD8349_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD8349
Data Sheet
Rev. B | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 7. Single Sideband (SSB) Output Power (POUT) vs. LO Frequency (FLO)
(I and Q Inputs Driven in Quadrature at Baseband Frequency (FBB) = 1 MHz,
I and Q Inputs at 1.2 V p-p Differential, TA = 25°C)
Figure 8. I and Q Input Bandwidth Normalized to Gain @ 1 MHz
(FLO = 1500 MHz, TA = 25°C)
Figure 9. SSB POUT vs. Temperature (FLO = 2140 MHz, FBB = 1 MHz, I and Q
Inputs Driven in Quadrature at 1.2 V p-p Differential)
Figure 10. SSB Output 1 dB Compression Point (OP1dB) vs. FLO (FBB = 1 MHz,
I and Q Inputs Driven in Quadrature , TA = 25°C)
Figure 11. Carrier Feedthrough vs. FLO (FBB = 1 MHz, I and Q Inputs Driven in
Quadrature at 1.2 V p-p Differential, TA = 25°C)
Figure 12. Carrier Feedthrough vs. Temperature (FLO = 2140 MHz, FBB = 1 MHz,
I and Q Inputs Driven in Quadrature at 1.2 V p-p Differential, TA = 25°C)
–4
–2
0
–1
–3
2
1
4
3
6
5
8
7
700
900
1100 1300 1500 1700 1900 2100 2300 2500 2700
LO FREQUENCY (MHz)
VS = 4.75V
VS = 5.25V
VS = 5V
–10
–9
–7
–3
–1
1
–5
–8
–4
–2
0
–6
BASEBAND FREQUENCY (MHz)
1
10
1000
100
600mV p-p
60mV p-p
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–40 –30 –20 –100
10203040
TEMPERATURE (
C)
60
50
70
80
VS = 5V
VS = 5.25V
VS = 4.75V
–4
–3
–1
3
5
7
8
10
1
–2
2
4
6
0
9
700
900
1100 1300 1500 1700 1900 2100 2300 2500 2700
LO FREQUENCY (MHz)
T = +85
C
T = +25
C
T = –40
C
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
700
900
1100 1300 1500 1700 1900 2100 2300 2500 2700
LO FREQUENCY (MHz)
VS = 5V
VS = 4.75V
VS = 5.25V
–50
–48
–46
–20
–44
–42
–40
–38
–36
–34
–32
–30
–28
–26
–24
–22
–40 –30 –20 –100
10203040
TEMPERATURE (
C)
60
50
70
80
VS = 5V
VS = 5.25V
VS = 4.75V


Similar Part No. - AD8349_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349ARE AD-AD8349ARE Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349ARE-REEL7 AD-AD8349ARE-REEL7 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results

Similar Description - AD8349_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
   700-2500 MHz Direct Quadrature Modulator
logo
Analog Devices
ADRF6807 AD-ADRF6807 Datasheet
1,004Kb / 36P
   700 MHz to 1050 MHz Quadrature
REV. B
logo
Hittite Microwave Corpo...
HMC696LP4E HITTITE-HMC696LP4E Datasheet
414Kb / 10P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC696LP4E HITTITE-HMC696LP4E_08 Datasheet
414Kb / 6P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
   700 MHz to 2700 MHz Operating Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com