Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSL913A0D3 Datasheet(PDF) 4 Page - Intersil Corporation

Part # FSL913A0D3
Description  7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSL913A0D3 Datasheet(HTML) 4 Page - Intersil Corporation

  FSL913A0D3 Datasheet HTML 1Page - Intersil Corporation FSL913A0D3 Datasheet HTML 2Page - Intersil Corporation FSL913A0D3 Datasheet HTML 3Page - Intersil Corporation FSL913A0D3 Datasheet HTML 4Page - Intersil Corporation FSL913A0D3 Datasheet HTML 5Page - Intersil Corporation FSL913A0D3 Datasheet HTML 6Page - Intersil Corporation FSL913A0D3 Datasheet HTML 7Page - Intersil Corporation FSL913A0D3 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-4
FIGURE 3. MAXIMUM CONTINUOUS DRAIN CURRENT vs
TEMPERATURE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. BASIC GATE CHARGE WAVEFORM
FIGURE 6. NORMALIZED rDS(ON) vs JUNCTION TEMPERATURE
FIGURE 7. NORMALIZED MAXIMUM TRANSIENT THERMAL RESPONSE
Typical Performance Curves
Unless Otherwise Specified
(Continued)
TC, CASE TEMPERATURE (
oC)
150
100
50
0
-50
0
2
4
3
1
10
9
8
7
6
5
10
1
1
0.1
10
100
OPERATION IN THIS
100
µs
10ms
100ms
1ms
TC = 25
oC
50
300
VDS, DRAIN TO SOURCE VOLTAGE (V)
AREA MAY BE
LIMITED BY rDS(ON)
CHARGE
QGD
QG
VG
QGS
-12V
2.5
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 250ms, VGS = -12V, ID = 4A
t, RECTANGULAR PULSE DURATION (s)
10-5
10-4
10-3
10-2
10-1
100
101
1
0.001
0.01
0.1
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC + TC
SINGLE PULSE
0.01
0.02
0.05
0.1
0.5
0.2
PDM
t1
t2
10
FSL913A0D, FSL913A0R


Similar Part No. - FSL913A0D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSL9130D INTERSIL-FSL9130D Datasheet
45Kb / 8P
   5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL9130D1 INTERSIL-FSL9130D1 Datasheet
45Kb / 8P
   5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL9130D3 INTERSIL-FSL9130D3 Datasheet
45Kb / 8P
   5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL9130R INTERSIL-FSL9130R Datasheet
45Kb / 8P
   5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL9130R1 INTERSIL-FSL9130R1 Datasheet
45Kb / 8P
   5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
More results

Similar Description - FSL913A0D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSS923A0D INTERSIL-FSS923A0D Datasheet
56Kb / 8P
   7A, -200V, 0.650 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSS9130D INTERSIL-FSS9130D Datasheet
44Kb / 8P
   6A, -100V, 0.660 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9160D INTERSIL-FSJ9160D Datasheet
46Kb / 8P
   44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL9110D INTERSIL-FSL9110D Datasheet
57Kb / 8P
   2.5A, -100V, 1.30 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
October 1998
FSL9130D INTERSIL-FSL9130D Datasheet
45Kb / 8P
   5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSF9150D INTERSIL-FSF9150D Datasheet
45Kb / 8P
   22A, -100V, 0.140 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSS23A4D INTERSIL-FSS23A4D Datasheet
46Kb / 8P
   7A, 250V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
   8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS130D INTERSIL-FSS130D Datasheet
45Kb / 8P
   11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ160D INTERSIL-FSJ160D Datasheet
60Kb / 9P
   70A, 100V, 0.022 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com