Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSL9130R1 Datasheet(PDF) 1 Page - Intersil Corporation

Part # FSL9130R1
Description  5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSL9130R1 Datasheet(HTML) 1 Page - Intersil Corporation

  FSL9130R1 Datasheet HTML 1Page - Intersil Corporation FSL9130R1 Datasheet HTML 2Page - Intersil Corporation FSL9130R1 Datasheet HTML 3Page - Intersil Corporation FSL9130R1 Datasheet HTML 4Page - Intersil Corporation FSL9130R1 Datasheet HTML 5Page - Intersil Corporation FSL9130R1 Datasheet HTML 6Page - Intersil Corporation FSL9130R1 Datasheet HTML 7Page - Intersil Corporation FSL9130R1 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3-173
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
June 1998
Features
• 5A, -100V, rDS(ON) = 0.680Ω
• Total Dose
- Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
- Safe Operating Area Curve for Single Event Effects
- SEE Immunity for LET of 36MeV/mg/cm2 with
VDS up to 80% of Rated Breakdown and
VGS of 10V Off-Bias
• Dose Rate
- Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
- Typically Survives 2E12 if Current Limited to IDM
• Photo Current
- 1.5nA Per-RAD(Si)/s Typically
• Neutron
- Maintain Pre-RAD Specifications
for 3E13 Neutrons/cm2
- Usable to 3E14 Neutrons/cm2
Formerly available as type TA17736.
Description
The Discrete Products Operation of Intersil Corporation has
developed a series of Radiation Hardened MOSFETs specif-
ically designed for commercial and military space applica-
tions. Enhanced Power MOSFET immunity to Single Event
Effects (SEE), Single Event Gate Rupture (SEGR) in particu-
lar, is combined with 100K RADS of total dose hardness to
provide devices which are ideally suited to harsh space envi-
ronments. The dose rate and neutron tolerance necessary
for military applications have not been sacrificed.
The Intersil portfolio of SEGR resistant radiation hardened
MOSFETs includes N-Channel and P-Channel devices in a
variety of voltage, current and on-resistance ratings.
Numerous packaging options are also available.
This MOSFET is an enhancement-mode silicon-gate power
field-effect transistor of the vertical DMOS (VDMOS) struc-
ture. It is specially designed and processed to be radiation
tolerant. The MOSFET is well suited for applications
exposed to radiation environments such as switching regula-
tion, switching converters, motor drives, relay drivers and
drivers for high-power bipolar switching transistors requiring
high speed and low gate drive power. This type can be
operated directly from integrated circuits.
Reliability screening is available as either commercial, TXV
equivalent
of
MIL-S-19500,
or
Space
equivalent
of
MIL-S-19500. Contact Intersil for any desired deviations
from the data sheet.
Symbol
Package
TO-205AF
Ordering Information
RAD LEVEL
SCREENING LEVEL
PART NUMBER/BRAND
10K
Commercial
FSL9130D1
10K
TXV
FSL9130D3
100K
Commercial
FSL9130R1
100K
TXV
FSL9130R3
100K
Space
FSL9130R4
G
D
S
D
G
S
File Number
4083.2
FSL9130D,
FSL9130R
5A, -100V, 0.680 Ohm, Rad Hard,
SEGR Resistant, P-Channel Power MOSFETs


Similar Part No. - FSL9130R1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSL913A0D INTERSIL-FSL913A0D Datasheet
57Kb / 8P
   7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSL913A0D1 INTERSIL-FSL913A0D1 Datasheet
57Kb / 8P
   7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSL913A0D3 INTERSIL-FSL913A0D3 Datasheet
57Kb / 8P
   7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSL913A0R INTERSIL-FSL913A0R Datasheet
57Kb / 8P
   7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSL913A0R1 INTERSIL-FSL913A0R1 Datasheet
57Kb / 8P
   7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
More results

Similar Description - FSL9130R1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSS9130D INTERSIL-FSS9130D Datasheet
44Kb / 8P
   6A, -100V, 0.660 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9160D INTERSIL-FSJ9160D Datasheet
46Kb / 8P
   44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL913A0D INTERSIL-FSL913A0D Datasheet
57Kb / 8P
   7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSL9110D INTERSIL-FSL9110D Datasheet
57Kb / 8P
   2.5A, -100V, 1.30 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
October 1998
FSF9150D INTERSIL-FSF9150D Datasheet
45Kb / 8P
   22A, -100V, 0.140 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL230D INTERSIL-FSL230D Datasheet
45Kb / 8P
   5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
   8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS130D INTERSIL-FSS130D Datasheet
45Kb / 8P
   11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ160D INTERSIL-FSJ160D Datasheet
60Kb / 9P
   70A, 100V, 0.022 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL110D INTERSIL-FSL110D Datasheet
58Kb / 8P
   3.5A, 100V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
October 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com