Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8339 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8339
Description  DC to 50 MHz, Quad I/Q Demodulator and Phase Shifter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8339 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8339_15 Datasheet HTML 4Page - Analog Devices AD8339_15 Datasheet HTML 5Page - Analog Devices AD8339_15 Datasheet HTML 6Page - Analog Devices AD8339_15 Datasheet HTML 7Page - Analog Devices AD8339_15 Datasheet HTML 8Page - Analog Devices AD8339_15 Datasheet HTML 9Page - Analog Devices AD8339_15 Datasheet HTML 10Page - Analog Devices AD8339_15 Datasheet HTML 11Page - Analog Devices AD8339_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD8339
Data Sheet
Rev. B | Page 8 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±5 V, TA = 25°C, 4fLO = 20 MHz, fLO = 5 MHz, fRF = 5.01 MHz, fBB = 10 kHz, 4fLO − LVDS drive; per channel performance shown is
typical of all channels, differential voltages, dBm (50 Ω), phase select code = 0000, unless otherwise noted (see Figure 42).
1.5
0.5
0
1.0
–1.5
–0.5
–1.0
–2.0
–1.5
1.5
–1.0
1.0
–0.5
0
0.5
2.0
REAL (Normalized)
f = 1MHz
CODE 1000
CODE 1100
CODE 0100
CODE 0011
I
Q
CODE 0010
CODE 0000
CODE 0001
Figure 9. Normalized Vector Plot of Phase, Ch 2, Ch 3, and Ch 4 vs. Ch 1;
Ch 1 Fixed at 0°; Ch 2, Ch 3, and Ch 4 Stepped 22.5°/Step; All Codes Displayed
360
0
0000
1111
CODE (Binary)
315
270
225
180
135
90
45
0010
0100
0110
1000
1010
1100
1110
5MHz
1MHz
Figure 10. Representative Phase Delay vs. Binary Phase Select Code
at 1 MHz and 5 MHz; Ch 3 and Ch 4 Are Displayed with Respect to Ch 1
1.0
–1.0
0000
1111
CODE (Binary)
0010
0100
0110
1000
1010
1100
1110
0.5
0
–0.5
–1.0
1.0
0.5
0
–0.5
f = 1MHz
f = 5MHz
CHANNEL 3
CHANNEL 4
CHANNEL 3
CHANNEL 4
Figure 11. Representative Amplitude Error vs. Binary Phase Select Code
at 1 MHz and 5 MHz; Ch 3 and Ch 4 Are Displayed with Respect to Ch 1
2
–2
0000
1111
CODE (Binary)
0010
0100
0110
1000
1010
1100
1110
1
0
–1
–2
2
1
0
–1
f = 1MHz
f = 5MHz
CHANNEL 3
CHANNEL 4
CHANNEL 3
CHANNEL 4
Figure 12. Representative Phase Error vs. Binary Phase Select Code
at 1 MHz and 5 MHz; Ch 3 and Ch 4 Are Displayed with Respect to Ch 1
2
1
20.0µs/DIV
2.5MS/s
400ns/PT
A C2
30.0mV
R1 500mV 20µs
R2 500mV 20µs
C2
500mV Ω
C4
500mV Ω
Figure 13. Representative Phase Delays of the I or Q Outputs;
Ch 2 Is Displayed with Respect to Ch 1, for Delays of 22.5°, 45°, 67.5°, and 90°
1
0
–3
–2
–1
1M
50M
10M
RF FREQUENCY (Hz)
I OUTPUT OF CHANNEL 1 SHOWN
CODE 0000
CODE 0001
CODE 0011
CODE 0010
Figure 14. Conversion Gain vs. RF Frequency, First Quadrant,
Baseband Frequency = 10 kHz


Similar Part No. - AD8339_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8339 AD-AD8339 Datasheet
237Kb / 15P
   Quad I/Q Demodulator And Phase Shifter
Rev. PrA - 12/19/06
More results

Similar Description - AD8339_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8333 AD-AD8333_15 Datasheet
1Mb / 32P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Rev. E
AD8333 AD-AD8333 Datasheet
769Kb / 28P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
REV. A
AD8339 AD-AD8339 Datasheet
237Kb / 15P
   Quad I/Q Demodulator And Phase Shifter
Rev. PrA - 12/19/06
logo
Mini-Circuits
JCIQ-176D++ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
   I&Q Demodulator
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
   I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
   I&Q Demodulator
logo
Tyco Electronics
MA4IQP190H-1291T MACOM-MA4IQP190H-1291T Datasheet
370Kb / 6P
   I/Q Modulator/Demodulator 1800-2000 MHz
MA4IQP900L-1291T MACOM-MA4IQP900L-1291T Datasheet
148Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
EKIN2-70D MACOM-EKIN2-70D_1 Datasheet
62Kb / 2P
   E-Series I/Q Demodulator 70 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com