Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8335 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8335
Description  Quad Low Noise, Low Cost Variable Gain Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8335 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8335_15 Datasheet HTML 4Page - Analog Devices AD8335_15 Datasheet HTML 5Page - Analog Devices AD8335_15 Datasheet HTML 6Page - Analog Devices AD8335_15 Datasheet HTML 7Page - Analog Devices AD8335_15 Datasheet HTML 8Page - Analog Devices AD8335_15 Datasheet HTML 9Page - Analog Devices AD8335_15 Datasheet HTML 10Page - Analog Devices AD8335_15 Datasheet HTML 11Page - Analog Devices AD8335_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD8335
Data Sheet
Rev. B | Page 8 of 28
0
5
10
15
20
25
INTERCEPT (dB)
420 CHANNELS
(105 UNITS)
0.5V < VGAIN < 2.5V
Figure 9. Intercept Histogram
1M
100k
10M
100M
1G
–20
–10
0
10
20
30
40
50
FREQUENCY (Hz)
VGAIN = 3.0V
VGAIN = 2.5V
VGAIN = 2.0V
VGAIN = 1.5V
VGAIN = 1.0V
VGAIN = 0.5V
VGAIN = 0V
Figure 10. Frequency Response for Various Values of VGAIN (See Figure 49)
1M
100k
10M
100M
1G
–20
–10
0
10
20
30
40
50
FREQUENCY (Hz)
VGAIN = 3.0V
VGAIN = 2.5V
VGAIN = 2.0V
VGAIN = 1.5V
VGAIN = 1.0V
VGAIN = 0.5V
VGAIN = 0V
Figure 11. Frequency Response vs. Frequency for Various Values of VGAIN,
HLxx = High (See Figure 49)
1M
100k
10M
100M
1G
–5
0
5
10
15
20
25
30
FREQUENCY (Hz)
–10
RS = 50Ω
VIN = 10mV p-p
RFB =
RFB = 249Ω
Figure 12. Preamp Frequency Response for a Terminated and Unterminated
50 Ω Source (See Figure 49)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
FREQUENCY (Hz)
100k
10M
1M
100M
VOUT = 1V p-p
VGAIN = 3V
VGAIN = 2V
VGAIN = 1V
VGAIN = 1V
VGAIN = 2V
VGAIN = 3V
Figure 13. Channel-to-Channel Crosstalk vs. Frequency for
Various Values of VGAIN
FREQUENCY (Hz)
100k
10M
1M
100M
10
20
30
40
50
60
70
80
0
Figure 14. Group Delay vs. Frequency


Similar Part No. - AD8335_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8335-EVAL AD-AD8335-EVAL Datasheet
708Kb / 24P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. 0
AD8335ACPZ AD-AD8335ACPZ Datasheet
708Kb / 24P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. 0
AD8335ACPZ-REEL AD-AD8335ACPZ-REEL Datasheet
708Kb / 24P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. 0
AD8335ACPZ-REEL7 AD-AD8335ACPZ-REEL7 Datasheet
708Kb / 24P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. 0
More results

Similar Description - AD8335_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8335 AD-AD8335 Datasheet
708Kb / 24P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. 0
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
   16-24GHz Low Noise, Variable Gain Amplifier
CHA2294 UMS-CHA2294_07 Datasheet
181Kb / 6P
   35-40GHz Low Noise, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD603 AD-AD603_05 Datasheet
605Kb / 20P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. G
logo
United Monolithic Semic...
CHA2294 UMS-CHA2294 Datasheet
123Kb / 6P
   35-40GHz Low Noise, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com