Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP050F105Z-A-BZ Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # UP050F105Z-A-BZ
Description  Axial Leaded Ceramic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UP050F105Z-A-BZ Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  UP050F105Z-A-BZ Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
CERAMIC CAPACITORS
Axial Leaded Ceramic Capacitors
UP050F105Z-A-BZ
Features
Item Summary
50V, 1μF, -20% to 80%, Axial
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 3000pcs
Products characteristics table
External Dimensions (EIA/JIS)
Axial/Axial
Rated Voltage (max)
50V
Capacitance
1μF
Capacitance Tolerance
-20% to 80%
Resistance
250 MΩ min.
Dielectric Loss Tangent
15%MAX
Temperature Characteristics (EIA/JIS)
-/F
Temperature Range (EIA/JIS)
-/-25 to +85℃
Capacitance Change (EIA/JIS)
-/-80,+30%
RoHS Compliance
Yes
Soldering Method
Wave
External Dimensions
L
3.2mm -
D
2.2mm max
2015.02.10
1 / 1


Similar Part No. - UP050F105Z-A-BZ

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UP050F103Z-A-BZ TAIYO-YUDEN-UP050F103Z-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050F104Z-A-BZ TAIYO-YUDEN-UP050F104Z-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
More results

Similar Description - UP050F105Z-A-BZ

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UP025B121K-A-BZ TAIYO-YUDEN-UP025B121K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B152K-A-BZ TAIYO-YUDEN-UP025B152K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B391K-A-BZ TAIYO-YUDEN-UP025B391K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B472K-A-BZ TAIYO-YUDEN-UP025B472K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B821K-A-BZ TAIYO-YUDEN-UP025B821K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B182K-A-BZ TAIYO-YUDEN-UP050B182K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B273K-A-BZ TAIYO-YUDEN-UP050B273K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B474K-A-BZ TAIYO-YUDEN-UP050B474K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B563K-A-BZ TAIYO-YUDEN-UP050B563K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025CH331J-A-BZ TAIYO-YUDEN-UP025CH331J-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025CH390J-A-BZ TAIYO-YUDEN-UP025CH390J-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com