Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC1093 Datasheet(PDF) 11 Page - NEC

Part # UPC1093
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1093 Datasheet(HTML) 11 Page - NEC

Back Button UPC1093 Datasheet HTML 7Page - NEC UPC1093 Datasheet HTML 8Page - NEC UPC1093 Datasheet HTML 9Page - NEC UPC1093 Datasheet HTML 10Page - NEC UPC1093 Datasheet HTML 11Page - NEC UPC1093 Datasheet HTML 12Page - NEC UPC1093 Datasheet HTML 13Page - NEC UPC1093 Datasheet HTML 14Page - NEC UPC1093 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
µPC1093
11
5 PIN PLASTIC MINI MOLD
B
A
C
0.95 (T.P.)
2.9
±0.2
0.3
S5TA-95-15A
ITEM
MILLIMETERS
B
R
K
M
L
detail of lead end
J
C
D
F
N
D
0.32+0.05
−0.02
E
F
1.4 MAX.
0.05
±0.05
G
1.1+0.2
−0.1
H
2.8
±0.2
I
1.5+0.2
−0.1
J
0.65+0.1
−0.15
K
0.16+0.1
−0.06
M
N
R5
°±5°
S
M
S
G
E
A
H
I
L
0.4
±0.2
0.19
0.1


Similar Part No. - UPC1093

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1093 RENESAS-UPC1093 Datasheet
209Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1986
UPC1093G RENESAS-UPC1093G Datasheet
209Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1986
UPC1093J RENESAS-UPC1093J Datasheet
209Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1986
UPC1093T RENESAS-UPC1093T Datasheet
209Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1986
UPC1093TA RENESAS-UPC1093TA Datasheet
209Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1986
More results

Similar Description - UPC1093

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com