Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPB1510 Datasheet(PDF) 6 Page - NEC

Part # UPB1510
Description  3 GHz INPUT DIVIDE BY 4 PRESCALER IC FOR DBS TUNERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1510 Datasheet(HTML) 6 Page - NEC

Back Button UPB1510 Datasheet HTML 2Page - NEC UPB1510 Datasheet HTML 3Page - NEC UPB1510 Datasheet HTML 4Page - NEC UPB1510 Datasheet HTML 5Page - NEC UPB1510 Datasheet HTML 6Page - NEC UPB1510 Datasheet HTML 7Page - NEC UPB1510 Datasheet HTML 8Page - NEC UPB1510 Datasheet HTML 9Page - NEC UPB1510 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
PB1510GV
µµµµ
TYPICAL CHARACTERISTICS (TA = 25°C, VCC = 5V, unless otherwise specified)
TA = –40 ˚C
Pin = 0 dBm
ZL = 50
fin - Input Frequency - GHz
0.1
0.5
1
3
10
–15
–10
–5
0
OUTPUT POWER vs. INPUT FREQUENCY
TA = 85 ˚C
Pin = 0 dBm
ZL = 50
fin - Input Frequency - GHz
0.1
0.5
1
3
10
–15
–10
–5
0
OUTPUT POWER vs. INPUT FREQUENCY
VCC = 5 V
VCC = 5.5 V
VCC = 4.5 V
VCC = 5 V
VCC = 5.5 V
VCC = 4.5 V
S11 vs. INPUT FREQUENCY
VCC = 5.0 V, TA = 25°C, ZO = 50
Frequency (MHz)
S11 (
Ω)
500
37.1 – j207.8
1000
14.2 – j105.1
2000
7.9 – j35.8
3000
27.1 – j27.5
S11
Z
REF 1.0 Units
4
200.0 mUnits/
27.159
Ω –27.582 Ω
hp
MARKER 4
3 GHZ
START 0.500000000 GHZ
STOP
3.000000000 GHZ
1 : 500 MHZ
2 : 1000 MHZ
3 : 2000 MHZ
4 : 3000 MHZ
1
2
3
4


Similar Part No. - UPB1510

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 4 PRESCALER
logo
Renesas Technology Corp
UPB1510GV RENESAS-UPB1510GV Datasheet
308Kb / 15P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
2003
UPB1510GV-E1 RENESAS-UPB1510GV-E1 Datasheet
308Kb / 15P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
2003
logo
California Eastern Labs
UPB1510GV-E1-A CEL-UPB1510GV-E1-A Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 4 PRESCALER
More results

Similar Description - UPB1510

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1508GV NEC-UPB1508GV Datasheet
77Kb / 12P
   3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
UPB1506GV NEC-UPB1506GV Datasheet
143Kb / 20P
   3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
logo
California Eastern Labs
UPB1514TU CEL-UPB1514TU Datasheet
408Kb / 13P
   16 GHz INPUT DIVIDE BY 8 PRESCALER IC FOR SATELLITE COMMUNICATIONS
logo
Peregrine Semiconductor
PE35400 PSEMI-PE35400 Datasheet
2Mb / 13P
   UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
logo
California Eastern Labs
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 4 PRESCALER
logo
NEC
UPG503B NEC-UPG503B Datasheet
57Kb / 4P
   9 GHz DIVIDE-BY-4 DYNAMIC PRESCALER
UPB582 NEC-UPB582 Datasheet
69Kb / 4P
   DIVIDE-BY-4 PRESCALER
UPG501 NEC-UPG501 Datasheet
41Kb / 2P
   5 GHz DIVIDE-BY-4 STATIC PRESCALER
logo
Analog Devices
ADF5001 AD-ADF5001 Datasheet
274Kb / 12P
   4 GHz to 18 GHz Divide-by-4 Prescaler
REV. 0
logo
NEC
UPB1511TB NEC-UPB1511TB Datasheet
51Kb / 8P
   800 MHz INPUT DIVIDE BY 2, 4 PRESCALER IC FOR PORTABLE SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com