Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSJ260R1 Datasheet(PDF) 4 Page - Intersil Corporation

Part # FSJ260R1
Description  44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSJ260R1 Datasheet(HTML) 4 Page - Intersil Corporation

  FSJ260R1 Datasheet HTML 1Page - Intersil Corporation FSJ260R1 Datasheet HTML 2Page - Intersil Corporation FSJ260R1 Datasheet HTML 3Page - Intersil Corporation FSJ260R1 Datasheet HTML 4Page - Intersil Corporation FSJ260R1 Datasheet HTML 5Page - Intersil Corporation FSJ260R1 Datasheet HTML 6Page - Intersil Corporation FSJ260R1 Datasheet HTML 7Page - Intersil Corporation FSJ260R1 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3-146
FIGURE 3. MAXIMUM CONTINUOUS DRAIN CURRENT vs
TEMPERATURE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. BASIC GATE CHARGE WAVEFORM
FIGURE 6. NORMALIZED rDS(ON) vs JUNCTION TEMPERATURE
FIGURE 7. NORMALIZED MAXIMUM TRANSIENT THERMAL RESPONSE
Typical Performance Curves Unless Otherwise Specified (Continued)
TC, CASE TEMPERATURE (
oC)
150
100
50
0
-50
0
20
30
10
40
50
60
100
10
1
1
VDS , DRAIN TO SOURCE VOLTAGE (V)
10
100
300
1000
0.1
0.1
TC = 25
oC
100
µs
100ms
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
10ms
1ms
CHARGE
QGD
QG
VG
QGS
12V
2.5
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 250ms, VGS = 12V, ID = 28A
t, RECTANGULAR PULSE DURATION (s)
10-5
10-4
10-3
10-2
10-1
100
101
1
0.001
0.01
0.1
10
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJC + TC
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
0.5
FSJ260D, FSJ260R


Similar Part No. - FSJ260R1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSJ264D INTERSIL-FSJ264D Datasheet
48Kb / 9P
   33A, 250V, 0.080 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ264D1 INTERSIL-FSJ264D1 Datasheet
48Kb / 9P
   33A, 250V, 0.080 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ264D3 INTERSIL-FSJ264D3 Datasheet
48Kb / 9P
   33A, 250V, 0.080 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ264R INTERSIL-FSJ264R Datasheet
48Kb / 9P
   33A, 250V, 0.080 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ264R1 INTERSIL-FSJ264R1 Datasheet
48Kb / 9P
   33A, 250V, 0.080 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results

Similar Description - FSJ260R1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSL230D INTERSIL-FSL230D Datasheet
45Kb / 8P
   5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS230D INTERSIL-FSS230D Datasheet
46Kb / 8P
   8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ9160D INTERSIL-FSJ9160D Datasheet
46Kb / 8P
   44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSF250D INTERSIL-FSF250D Datasheet
45Kb / 8P
   24A, 200V, 0.110 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSYA250D INTERSIL-FSYA250D Datasheet
46Kb / 8P
   27A, 200V, 0.100 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ9260D INTERSIL-FSJ9260D Datasheet
46Kb / 8P
   27A, -200V, 0.130 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSS9230D INTERSIL-FSS9230D Datasheet
45Kb / 8P
   4A, -200V, 1.60 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSS923A0D INTERSIL-FSS923A0D Datasheet
56Kb / 8P
   7A, -200V, 0.650 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSF9250D INTERSIL-FSF9250D Datasheet
45Kb / 8P
   15A, -200V, 0.290 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL9230D INTERSIL-FSL9230D Datasheet
46Kb / 8P
   3A, -200V, 1.50 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com