Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8315 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8315
Description  50 dB GSM PA Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8315_15 Datasheet HTML 5Page - Analog Devices AD8315_15 Datasheet HTML 6Page - Analog Devices AD8315_15 Datasheet HTML 7Page - Analog Devices AD8315_15 Datasheet HTML 8Page - Analog Devices AD8315_15 Datasheet HTML 9Page - Analog Devices AD8315_15 Datasheet HTML 10Page - Analog Devices AD8315_15 Datasheet HTML 11Page - Analog Devices AD8315_15 Datasheet HTML 12Page - Analog Devices AD8315_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8315
Rev. C | Page 9 of 24
FREQUENCY (GHz)
25
0
24
23
22
21
20
0.5
1.0
1.5
2.0
2.5
+85°C
+25°C
–30°C
Figure 15. Slope vs. Frequency; −30°C, +25°C, and +85°C
24
2.5
23
22
21
0.1GHz
0.9GHz
1.9GHz
2.5GHz
VS (V)
3.0
3.5
4.0
4.5
5.0
5.5
Figure 16. Slope vs. Supply Voltage
FREQUENCY (Hz)
45
10
35
25
15
5
–5
–15
–25
–35
0
–20
–40
–60
–80
–100
–120
40
20
0
–20
30
10
–10
–30
–40
–10
–30
–50
–70
–90
–110
–130
CFLT = 0pF
CFLT = 220pF
100
1k
10k
100k
1M
10M
Figure 17. AC Response from VSET to VAPC
FREQUENCY (GHz)
–66
0
–68
–70
–72
–74
–76
–78
–80
+25°C
+85°C
–30°C
0.5
1.0
1.5
2.0
2.5
Figure 18. Intercept vs. Frequency; −30°C, +25°C, and +85°C
2.5
–68
–70
–72
–74
–76
–78
–80
0.9GHz
1.9GHz
0.1GHz
2.5GHz
VS (V)
3.0
3.5
4.0
4.5
5.0
5.5
Figure 19. Intercept vs. Supply Voltage
FREQUENCY (Hz)
10000
100
1000
100
10
1k
10k
100k
1M
10M
RF INPUT
–51dBV
–48dBV
–13dBV
–23dBV
–43dBV
–33dBV
–53dBV AND
–63dBV
CFLT = 220pF, RF INPUT = 2GHz
Figure 20. VAPC Noise Spectral Density


Similar Part No. - AD8315_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
More results

Similar Description - AD8315_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8316 AD-AD8316 Datasheet
497Kb / 20P
   Dual Output GSM PA Controller
REV. C
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
   Quad-Band GSM/EDGE PA Module
logo
Skyworks Solutions Inc.
SKY77340 SKYWORKS-SKY77340 Datasheet
537Kb / 27P
   PA Module for Quad-Band GSM / EDGE
SKY77344 SKYWORKS-SKY77344 Datasheet
71Kb / 2P
   PA Module for Quad-Band GSM / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com