Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8318 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8318
Description  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8318_15 Datasheet HTML 2Page - Analog Devices AD8318_15 Datasheet HTML 3Page - Analog Devices AD8318_15 Datasheet HTML 4Page - Analog Devices AD8318_15 Datasheet HTML 5Page - Analog Devices AD8318_15 Datasheet HTML 6Page - Analog Devices AD8318_15 Datasheet HTML 7Page - Analog Devices AD8318_15 Datasheet HTML 8Page - Analog Devices AD8318_15 Datasheet HTML 9Page - Analog Devices AD8318_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8318
Rev. B | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage: Pin VPSO, Pin VPSI
5.7 V
ENBL, VSET Voltage
0 to VPOS
Input Power (Single-Ended, re: 50 Ω)
12 dBm
Internal Power Dissipation
0.73 W
θJA1
55°C/W
Maximum Junction Temperature
125°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
260°C
1 With package die paddle soldered to thermal pads with vias connecting
to inner and bottom layers.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD8318_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
   Logarithmic Detector/Controller
More results

Similar Description - AD8318_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
REV. A
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
HMC602LP4 HITTITE-HMC602LP4 Datasheet
626Kb / 10P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
   1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
REV. 0
AD8313 AD-AD8313_15 Datasheet
721Kb / 24P
   0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
AD8313 AD-AD8313_04 Datasheet
720Kb / 24P
   0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com