Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8313 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8313
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313 Datasheet(HTML) 5 Page - Analog Devices

  AD8313_15 Datasheet HTML 1Page - Analog Devices AD8313_15 Datasheet HTML 2Page - Analog Devices AD8313_15 Datasheet HTML 3Page - Analog Devices AD8313_15 Datasheet HTML 4Page - Analog Devices AD8313_15 Datasheet HTML 5Page - Analog Devices AD8313_15 Datasheet HTML 6Page - Analog Devices AD8313_15 Datasheet HTML 7Page - Analog Devices AD8313_15 Datasheet HTML 8Page - Analog Devices AD8313_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8313
Rev. D | Page 5 of 24
1 Except where otherwise noted; performance at VS = 3 V is equivalent to 5 V operation.
2 Minimum and maximum specified limits on parameters that are guaranteed but not tested are 6 sigma values.
3 Input impedance shown over frequency range in Figure 26.
4 Double vertical bars (||) denote “in parallel with.”
5 Linear regression calculation for error curve taken from –40 dBm to –10 dBm for all parameters.
6 Dynamic range refers to range over which the linearity error remains within the stated bound.
7 Linear regression calculation for error curve taken from –60 dBm to –5 dBm for 3 dB dynamic range. All other regressions taken from –40 dBm to –10 dBm.
8 AC response shown in Figure 12.


Similar Part No. - AD8313_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8313-EVAL AD-AD8313-EVAL Datasheet
261Kb / 16P
   0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8313-EVAL AD-AD8313-EVAL Datasheet
720Kb / 24P
   0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
AD8313ARM AD-AD8313ARM Datasheet
261Kb / 16P
   0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8313ARM AD-AD8313ARM Datasheet
720Kb / 24P
   0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
AD8313ARM-REEL AD-AD8313ARM-REEL Datasheet
261Kb / 16P
   0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results

Similar Description - AD8313_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8313 AD-AD8313_04 Datasheet
720Kb / 24P
   0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
AD8313 AD-AD8313 Datasheet
261Kb / 16P
   0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
REV. A
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
AD8318 AD-AD8318 Datasheet
2Mb / 24P
   1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
REV. 0
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com