Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA10QA06 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # SA10QA06
Description  SBD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

SA10QA06 Datasheet(HTML) 1 Page - National Instruments Corporation

  SA10QA06_15 Datasheet HTML 1Page - National Instruments Corporation SA10QA06_15 Datasheet HTML 2Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0A Avg.
Volts
SBD
6
0
A
Q
0
1
A
S
0
6
■OUTLINE DRAWING(mm)
■定格・特性曲線
FIG.1
FIG.4
FIG.2
FIG.3
■最大定格 Maximum Ratings
■電気的・熱的特性 Electrical/ Thermal Characteristics
0.2
0.2
0.3
0.3
0.2
2.0
1.9
0.8
■APPROX. NET WEIGHT:0.004 g
Item
Symbol
Conditions
Unit
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
VRRM
60
V
サ−ジ順電流
Surge Forward Current
IFSM
20
(50Hz正弦半波1サイクル非くり返し)
Half Sine Wave,1cycle, Non-repetitive
A
保存温度範囲
Storage Temperature Range
Tstg
−40∼+150
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+150
直流順電流
Direct Forward Current
IDC
直流通電
Direct Current
A
平均整流電流
Average rectified Forward Current
Io
方形波通電
RECT 180℃
Rectangular Wave
50% Duty
A
Ta=54℃*1
1.41
Ta=56℃*1,VRM=30V
1.0
Tl=117℃,VRM=30V
(Tl: Lead Temperature)
Item
s
n
o
i
t
i
d
n
o
C
l
o
b
m
y
S
Min.
Typ.
Max.
Unit
ピーク逆電流
Peak Reverse Current
IRM
VRM=5V Ta=25℃
VRM=60V Ta=25℃
100
ピーク順電圧
Peak Forward Voltage
VFM
IFM=0.7A Ta=25℃
0.55
V
IFM=1.0A Ta=25℃
0.62
熱抵抗
Thermal Resistance
Rth(j-a)
接合部・周囲間
(Junction to Ambient)
*1(アルミナ基板実装)
100
℃/W
*2(ガラエボ基板実装)
150
Rth(j-l)
接合部・リード間(Junction to Lead)
30
*1:プリント基板実装/Alumina Substrate Mounted (Soldering Land=6×6mm)
*2:プリント基板実装/Glass-Epoxy Substrate Mounted (Soldering Land=6×6mm)
3
0.3
μA
0.58


Similar Part No. - SA10QA06_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
SA10QA06 NIEC-SA10QA06 Datasheet
366Kb / 2P
   Scokkty Barrier Diode
SA10QA06 NIEC-SA10QA06 Datasheet
366Kb / 2P
   Schottky Barrier Diode
logo
Kyocera Kinseki Corpota...
SA10QA06 KSS-SA10QA06 Datasheet
1Mb / 8P
   Schottky Barrier Diode
More results

Similar Description - SA10QA06_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FCH20U10 NIEC-FCH20U10 Datasheet
302Kb / 1P
   SBD
logo
National Instruments Co...
GSH10A10B NI-GSH10A10B_15 Datasheet
131Kb / 1P
   SBD
GSQ05A03L NI-GSQ05A03L_15 Datasheet
116Kb / 1P
   SBD
GSQ05A04B NI-GSQ05A04B_15 Datasheet
131Kb / 1P
   SBD
GCH30A10 NI-GCH30A10_15 Datasheet
129Kb / 1P
   SBD
GCQ20A04 NI-GCQ20A04_15 Datasheet
130Kb / 1P
   SBD
GCQ30A03L NI-GCQ30A03L_15 Datasheet
130Kb / 1P
   SBD
GCQ30A06 NI-GCQ30A06_15 Datasheet
129Kb / 1P
   SBD
KSQ30A06B NI-KSQ30A06B_15 Datasheet
125Kb / 1P
   SBD
KSQ60A03LB NI-KSQ60A03LB_15 Datasheet
98Kb / 1P
   SBD
KSQ60A04E NI-KSQ60A04E_15 Datasheet
103Kb / 1P
   SBD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com