Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8188 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8188
Description  350 MHz Single-Supply Triple 2:1 Multiplexers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8188 Datasheet(HTML) 4 Page - Analog Devices

  AD8188_15 Datasheet HTML 1Page - Analog Devices AD8188_15 Datasheet HTML 2Page - Analog Devices AD8188_15 Datasheet HTML 3Page - Analog Devices AD8188_15 Datasheet HTML 4Page - Analog Devices AD8188_15 Datasheet HTML 5Page - Analog Devices AD8188_15 Datasheet HTML 6Page - Analog Devices AD8188_15 Datasheet HTML 7Page - Analog Devices AD8188_15 Datasheet HTML 8Page - Analog Devices AD8188_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8188/AD8189
Rev. 0 | Page 4 of 24
AD8188/AD8189
Parameter
Conditions
Min
Typ
Max
Unit
Disable-to-Channel Off Time
50% logic to 50% output settling, input = 1 V
17/5
ns
Channel Switching Transient (Glitch)
All channels grounded
21/45
mV
Output Enable Transient (Glitch)
All channels grounded
64/118
mV
DIGITAL INPUTS
Logic 1 Voltage
SEL A/B, OE
1.6
V
Logic 0 Voltage
SEL A/B, OE
0.6
V
Logic 1 Input Current
SEL A/B, OE = 2.0 V
45
nA
Logic 0 Input Current
SEL A/B, OE = 0.5 V
2
μA


Similar Part No. - AD8188_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8188ARUZ AD-AD8188ARUZ Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8188ARUZ-R7 AD-AD8188ARUZ-R7 Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8188ARUZ-RL AD-AD8188ARUZ-RL Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8188Z-EVALZ AD-AD8188Z-EVALZ Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
More results

Similar Description - AD8188_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8188 AD-AD8188 Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8187 AD-AD8187_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2:1 Multiplexers
REV. A
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
   480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
AD8186ARUZ AD-AD8186ARUZ Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186 AD-AD8186 Datasheet
474Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARUZ-REEL7 AD-AD8187ARUZ-REEL7 Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com