Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP42C Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # TIP42C
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

TIP42C Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  TIP42C Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd TIP42C Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd TIP42C Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
PNP Transistors
TIP42 Series (KIP42 Series)
Typical Characterisitics
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
r
e
tt
i
m
E
-
e
s
a
B
.
2
e
r
u
g
i
F
n
i
a
G
t
n
e
r
r
u
c
C
D
.
1
e
r
u
g
i
F
Collector-Emitter Saturation Voltage
g
n
it
a
r
e
d
r
e
w
o
P
.
4
e
r
u
g
i
F
a
e
r
A
g
n
it
a
r
e
p
O
e
f
a
S
.
3
e
r
u
g
i
F
0
1
-
1
-
1
.
0
-
1
0
.
0
-
1
10
100
1000
VCE = -4V
IC[A], COLLECTOR CURRENT
-0.01
-0.1
-1
-10
-100
-0.0
-0.4
-0.8
-1.2
-1.6
-2.0
IC/IB = 10
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
0
0
1
-
0
1
-
1
-
-0.1
-1
-10
-100
TIP42C
TIP42B
TIP42A
TIP42
IC(MAX) (DC)
IC(MAX) (PULSE)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
5
10
15
20
TC[
oC], CASE TEMPERATURE
25


Similar Part No. - TIP42C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TIP42C MCC-TIP42C Datasheet
169Kb / 2P
   Silicon PNP Power Transistors
logo
Mospec Semiconductor
TIP42C MOSPEC-TIP42C Datasheet
189Kb / 4P
   POWER TRANSISTORS(6A,40-100V,65W)
logo
Inchange Semiconductor ...
TIP42C ISC-TIP42C Datasheet
137Kb / 3P
   isc Silicon PNP Power Transistors
logo
Comset Semiconductor
TIP42C COMSET-TIP42C Datasheet
106Kb / 4P
   SILICON POWER TRANSISTORS
logo
SHENZHEN KOO CHIN ELECT...
TIP42C KOOCHIN-TIP42C Datasheet
231Kb / 2P
   TRANSISTOR (PNP)
More results

Similar Description - TIP42C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com