Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRM9250H Datasheet(PDF) 1 Page - Intersil Corporation

Part # FRM9250H
Description  16A, -200V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FRM9250H Datasheet(HTML) 1 Page - Intersil Corporation

  FRM9250H Datasheet HTML 1Page - Intersil Corporation FRM9250H Datasheet HTML 2Page - Intersil Corporation FRM9250H Datasheet HTML 3Page - Intersil Corporation FRM9250H Datasheet HTML 4Page - Intersil Corporation FRM9250H Datasheet HTML 5Page - Intersil Corporation FRM9250H Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-1
FRM9250D, FRM9250R,
FRM9250H
16A, -200V, 0.300 Ohm, Rad Hard,
P-Channel Power MOSFETs
File Number
3267.3
Package
TO-204AA
Symbol
D
G
S
Features
• 16A, -200V, RDS(on) = 0.300
• Second Generation Rad Hard MOSFET Results From New Design Concepts
• Gamma
- Meets Pre-Rad Specifications to 100KRAD(Si)
- Defined End Point Specs at 300KRAD(Si) and 1000KRAD(Si)
- Performance Permits Limited Use to 3000KRAD(Si)
• Gamma Dot
- Survives 3E9RAD(Si)/sec at 80% BVDSS Typically
- Survives 2E12 Typically If Current Limited to IDM
• Photo Current
- 12nA Per-RAD(Si)/sec Typically
• Neutron
- Pre-RAD Specifications for 1E13 Neutrons/cm2
- Usable to 1E14 Neutrons/cm2
Description
Intersil Corporation has designed a series of SECOND GENERATION hardened
power MOSFETs of both N and P channel enhancement types with ratings from
100V to 500V, 1A to 60A, and on resistance as low as 25m
Ω. Total dose hardness
is offered at 100K RAD(Si) and 1000KRAD(Si) with neutron hardness ranging
from 1E13n/cm2 for 500V product to 1E14n/cm2 for 100V product. Dose rate hard-
ness (GAMMA DOT) exists for rates to 1E9 without current limiting and 2E12 with
current limiting.
This MOSFET is an enhancement-mode silicon-gate power field effect transistor of
the vertical DMOS (VDMOS) structure. It is specially designed and processed to
exhibit minimal characteristic changes to total dose (GAMMA) and neutron (no)
exposures. Design and processing efforts are also directed to enhance survival to
heavy ion (SEE) and/or dose rate (GAMMA DOT) exposure.
This part may be supplied as a die or in various packages other than shown above.
Reliability screening is available as either non TX (commercial), TX equivalent of
MIL-S-19500, TXV equivalent of MIL-S-19500, or space equivalent of
MIL-S-19500. Contact the Intersil Corporation High-Reliability Marketing group for
any desired deviations from the data sheet.
Absolute Maximum Ratings (TC = +25oC) Unless Otherwise Specified
FRM9250D, R, H
UNITS
Drain-Source Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
-200
V
Drain-Gate Voltage (RGS = 20k
Ω). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
-200
V
Continuous Drain Current
TC = +25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
TC = +100oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
16
10
A
A
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
48
A
Gate-Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±20
V
Maximum Power Dissipation
TC = +25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PT
TC = +100oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PT
Derated Above +25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
150
60
1.2
W
W
W/oC
Inductive Current, Clamped, L = 100
µH, (See Test Figure). . . . . . . . . . . . . . . . . . . . . . . . . . ILM
48
A
Continuous Source Current (Body Diode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IS
16
A
Pulsed Source Current (Body Diode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ISM
48
A
Operating And Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJC, TSTG
-55 to +150
oC
Lead Temperature (During Soldering)
Distance > 0.063 in. (1.6mm) From Case, 10s Max. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
300
oC
June 1998
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - FRM9250H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRM9230D INTERSIL-FRM9230D Datasheet
57Kb / 6P
   4A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9230H INTERSIL-FRM9230H Datasheet
57Kb / 6P
   4A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9230R INTERSIL-FRM9230R Datasheet
57Kb / 6P
   4A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9240D INTERSIL-FRM9240D Datasheet
47Kb / 6P
   7A, -200V, 0.720 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9240H INTERSIL-FRM9240H Datasheet
47Kb / 6P
   7A, -200V, 0.720 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
More results

Similar Description - FRM9250H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRM240D INTERSIL-FRM240D Datasheet
47Kb / 6P
   16A, 200V, 0.24 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM9240D INTERSIL-FRM9240D Datasheet
47Kb / 6P
   7A, -200V, 0.720 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9240D INTERSIL-FRS9240D Datasheet
48Kb / 6P
   7A, -200V, 0.735 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9230D INTERSIL-FRM9230D Datasheet
57Kb / 6P
   4A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRF9250D INTERSIL-FRF9250D Datasheet
48Kb / 6P
   14A, -200V, 0.315 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9260D INTERSIL-FRK9260D Datasheet
47Kb / 6P
   26A, -200V, 0.200 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRE9260D INTERSIL-FRE9260D Datasheet
47Kb / 6P
   19A, -200V, 0.210 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9230D INTERSIL-FRS9230D Datasheet
49Kb / 6P
   4A, -200V, 1.32 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRL9230D INTERSIL-FRL9230D Datasheet
47Kb / 6P
   3A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9140D INTERSIL-FRM9140D Datasheet
47Kb / 6P
   11A, -100V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com