Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3906 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBT3906
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBT3906 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBT3906_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBT3906_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Features
Absolute Maximum Ratings Ta = 25
Electrical Characteristics Ta = 25
PNP Transistors
MMBT3906 (KMBT3906)
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-40
Collector - Emitter Voltage
VCEO
-40
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-0.2
A
Collector Power Dissipation
PC
0.2
W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
Classification of hfe(1)
Type
MMBT3906-L MMBT3906-H
Range
100-300
100-200
200-300
Complementary to MMBT3904
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-40
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, IB=0
-40
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-6
Collector-base cut-off current
ICBO
VCB= -40 V , IE=0
-100
Collector- emittercut-off current
ICEX
VCE=- 30 V , VEB(off)=3V
-50
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-100
IC=-10 mA, IB=- 1mA
-0.2
IC=-50 mA, IB= -5mA
-0.3
IC= -10 mA, IB= -1mA
-0.65
-0.85
IC= -50 mA, IB= -5mA
-0.95
hfe(1) VCE= -1V, IC= -10mA
100
300
hfe(2) VCE= -1V, IC=-50mA
60
hfe(3) VCE= -1V, IC=-100mA
30
Delay time
td
VCC=-3.0V,VBE=0.5V
35
Rise time
tr
IC=-10mA,IB1=-1.0mA
35
Storage time
ts
VCC=-3.0V,IC=-10mA
225
Fall time
tf
IB1=IB2=-1.0mA
75
V
V
ns
nA
DC current gain
VCE(sat)
Collector-emitter saturation voltage
Base - emitter saturation voltage
VBE(sat)
Collector input capacitance
Cib
VEB= -0.5V, IE= 0,f=1MHz
10
Collector output capacitance
Cob
VCB= -5V, IE= 0,f=1MHz
4.5
Transition frequency
fT
VCE= -20V, IC= -10mA,f=100MHz 250
MHz
pF
MMBT3906
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02
Marking: 2A


Similar Part No. - MMBT3906_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMBT3906 SECOS-MMBT3906_15 Datasheet
1Mb / 5P
   PNP Plastic Encapsulated Transistor
logo
Diodes Incorporated
MMBT3906 DIODES-MMBT3906_15 Datasheet
301Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN SOT23
logo
Micro Commercial Compon...
MMBT3906 MCC-MMBT3906_15 Datasheet
337Kb / 6P
   PNP General Purpose Amplifier
More results

Similar Description - MMBT3906_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com