Electronic Components Datasheet Search |
|
IDT7205L12DB Datasheet(PDF) 4 Page - Integrated Device Technology |
|
IDT7205L12DB Datasheet(HTML) 4 Page - Integrated Device Technology |
4 / 14 page 5.04 4 IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 MILITARY AND COMMERCIAL TEMPERATURE RANGES Commercial Com'l & Mil. Com'l Military Com'l 7203S/L12 7203S/L15 7203S/L20 7203S/L25 7203S/L30 7203S/L35 7204S/L12 7204S/L15 7204S/L20 7204S/L25 7204S/L30 7204S/L35 7205L15 7205L20 7205L25 7205L30 7205L35 7206L15 7206L20 7206L25 7206L30 7206L35 Symbol Parameters Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Unit fS Shift Frequency — 50 — 40 — 33.3 — 28.5 — 25 — 22.2 MHz tRC Read Cycle Time 20 — 25 — 30 — 35 — 40 — 45 — ns tA Access Time — 12 — 15 — 20 — 25 — 30 — 35 ns tRR Read Recovery Time 8 — 10 — 10 — 10 — 10 — 10 — ns tRPW Read Pulse Width(2) 12 — 15 — 20 — 25 — 30 — 35 — ns tRLZ Read LOW to Data Bus LOW(3) 3— 5— 5 — 5— 5 — 5— ns tWLZ Write HIGH to Data Bus Low-Z(3, 4) 3— 5— 5 — 5— 5 — 10 — ns tDV Data Valid from Read HIGH 5 — 5 — 5 — 5 — 5 — 5 — ns tRHZ Read HIGH to Data Bus High-Z(3) — 12 — 15 — 15 — 18 — 20 — 20 ns tWC Write Cycle Time 20 — 25 — 30 — 35 — 40 — 45 — ns tWPW Write Pulse Width(2) 12 — 15 — 20 — 25 — 30 — 35 — ns tWR Write Recovery Time 8 — 10 — 10 — 10 — 10 — 10 — ns tDS Data Set-up Time 9 — 11 — 12 — 15 — 18 — 18 — ns tDH Data Hold Time 0 — 0 — 0 — 0 — 0 — 0 — ns tRSC Reset Cycle Time 20 — 25 — 30 — 35 — 40 — 45 — ns tRS Reset Pulse Width(2) 12 — 15 — 20 — 25 — 30 — 35 — ns tRSS Reset Set-up Time(3) 12 — 15 — 20 — 25 — 30 — 35 — ns tRTR Reset Recovery Time 8 — 10 — 10 — 10 — 10 — 10 — ns tRTC Retransmit Cycle Time 20 — 25 — 30 — 35 — 40 — 45 — ns tRT Retransmit Pulse Width(2) 12 — 15 — 20 — 25 — 30 — 35 — ns tRTS Retransmit Set-up Time(3) 12 — 15 — 20 — 25 — 30 — 35 — ns tRSR Retransmit Recovery Time 8 — 10 — 10 — 10 — 10 — 10 — ns tEFL Reset to EF LOW — 12 — 25 — 30 — 35 — 40 — 45 ns tHFH, tFFH Reset to HF and FF HIGH — 17 — 25 — 30 — 35 — 40 — 45 ns tRTF Retransmit LOW to Flags Valid — 20 — 25 — 30 — 35 — 40 — 45 ns tREF Read LOW to EF LOW — 12 — 15 — 20 — 25 — 30 — 30 ns tRFF Read HIGH to FF HIGH — 14 — 15 — 20 — 25 — 30 — 30 ns tRPE Read Pulse Width after EF HIGH 12 — 15 — 20 — 25 — 30 — 35 — ns tWEF Write HIGH to EF HIGH — 12 — 15 — 20 — 25 — 30 — 30 ns tWFF Write LOW to FF LOW — 14 — 15 — 20 — 25 — 30 — 30 ns tWHF Write LOW to HF Flag LOW — 17 — 25 — 30 — 35 — 40 — 45 ns tRHF Read HIGH to HF Flag HIGH — 17 — 25 — 30 — 35 — 40 — 45 ns tWPF Write Pulse Width after FF HIGH 12 — 15 — 20 — 25 — 30 — 35 — ns tXOL Read/Write LOW to XO LOW — 12 — 15 — 20 — 25 — 30 — 35 ns tXOH Read/Write HIGH to XO HIGH — 12 — 15 — 20 — 25 — 30 — 35 ns tXI XI Pulse Width(2) 12 — 15 — 20 — 25 — 30 — 35 — ns tXIR XI Recovery Time 8 — 10 — 10 — 10 — 10 — 10 — ns tXIS XI Set-up Time 8 — 10 — 10 — 10 — 10 — 15 — ns AC ELECTRICAL CHARACTERISTICS(1) (Commercial: VCC = 5V ± 10%, TA = 0°C to +70°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C) NOTES: 2661 tbl 05 1. Timings referenced as in AC Test Conditions. 2. Pulse widths less than minimum are not allowed. 3. Values guaranteed by design, not currently tested. 4. Only applies to read data flow-through mode. |
Similar Part No. - IDT7205L12DB |
|
Similar Description - IDT7205L12DB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |