Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9130 Datasheet(PDF) 6 Page - Intersil Corporation

Part # M9130
Description  6A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

M9130 Datasheet(HTML) 6 Page - Intersil Corporation

  M9130 Datasheet HTML 1Page - Intersil Corporation M9130 Datasheet HTML 2Page - Intersil Corporation M9130 Datasheet HTML 3Page - Intersil Corporation M9130 Datasheet HTML 4Page - Intersil Corporation M9130 Datasheet HTML 5Page - Intersil Corporation M9130 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4-6
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
FRM9130D, FRM9130R, FRM9130H
TO-204AA
JEDEC TO-204AA HERMETIC STEEL PACKAGE
ØD
Ø
b
A
SEATING
PLANE
ØP
Ø
b1
s
q
R1
R
e
e1
L
1
2
A1
TERM. 3
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.310
0.330
7.88
8.38
-
A1
0.060
0.065
1.53
1.65
-
Øb
0.038
0.042
0.97
1.06
2, 3
Øb1
0.138
0.145
3.51
3.68
-
ØD
-
0.800
-
20.32
-
e
0.215 TYP
5.46 TYP
4
e1
0.430 BSC
10.92 BSC
4
L
0.430
-
10.93
-
-
ØP
0.155
0.160
3.94
4.06
-
q
1.187 BSC
30.15 BSC
-
R
0.495
0.525
12.58
13.33
-
R1
0.131
0.185
3.33
4.69
-
s
0.655
0.675
16.64
17.14
-
NOTES:
1. These dimensions are within allowable dimensions of Rev. C of
JEDEC TO-204AA outline dated 11-82.
2. Lead dimension (without solder).
3. Add typically 0.002 inches (0.05mm) for solder coating.
4. Position of lead to be measured 0.250 inches (6.35mm) from bot-
tom of seating plane.
5. Controlling dimension: Inch.
6. Revision 2 dated 6-93.


Similar Part No. - M9130

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M9130 MOSDESIGN-M9130 Datasheet
28Kb / 2P
   CDS, OSH & ON/OFF
2005-12-01
logo
Heyco.
M9130 HEYCO-M9130 Datasheet
120Kb / 1P
   Nylon Locknuts
logo
Keysight Technologies
M9130A KEYSIGHT-M9130A Datasheet
3Mb / 15P
   General Purpose Switch Modules
M9130A KEYSIGHT-M9130A Datasheet
2Mb / 15P
   General Purpose Switch Modules
M9130A KEYSIGHT-M9130A_17 Datasheet
2Mb / 15P
   General Purpose Switch Modules
More results

Similar Description - M9130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRL9130D INTERSIL-FRL9130D Datasheet
47Kb / 6P
   5A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9130D INTERSIL-FRS9130D Datasheet
49Kb / 6P
   6A, -100V, 0.565 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FSS9130D INTERSIL-FSS9130D Datasheet
44Kb / 8P
   6A, -100V, 0.660 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FRF9150D INTERSIL-FRF9150D Datasheet
49Kb / 6P
   23A, -100V, 0.140 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9140D INTERSIL-FRS9140D Datasheet
48Kb / 6P
   11A, -100V, 0.315 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRE9160D INTERSIL-FRE9160D Datasheet
49Kb / 6P
   30A, -100V, 0.095 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9150D INTERSIL-FRK9150D Datasheet
48Kb / 6P
   26A, -100V, 0.125 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9160D INTERSIL-FRK9160D Datasheet
48Kb / 6P
   40A, -100V, 0.085 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9140D INTERSIL-FRM9140D Datasheet
47Kb / 6P
   11A, -100V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FSJ9160D INTERSIL-FSJ9160D Datasheet
46Kb / 8P
   44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com