Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8145 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8145
Description  High Speed, Triple Differential Receiver with Comparators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8145 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8145_15 Datasheet HTML 4Page - Analog Devices AD8145_15 Datasheet HTML 5Page - Analog Devices AD8145_15 Datasheet HTML 6Page - Analog Devices AD8145_15 Datasheet HTML 7Page - Analog Devices AD8145_15 Datasheet HTML 8Page - Analog Devices AD8145_15 Datasheet HTML 9Page - Analog Devices AD8145_15 Datasheet HTML 10Page - Analog Devices AD8145_15 Datasheet HTML 11Page - Analog Devices AD8145_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8145
Rev. A | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTION
PIN 1
INDICATOR
1
GND
2
REF_G
3
GAIN_G
4
IN+_G
5
IN–_G
6
REF_R
7
GAIN_R
8
GND
24 GND
23 OUT_B
22 OUT_G
21 OUT_R
20 VS+
19 COMPB_IN+
18 COMPB_IN–
17 GND
AD8145
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD ON UNDERSIDE OF DEVICE
MUST BE CONNECTED TO GROUND.
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 8, 9, 16, 17, 24, 25, 32
GND
Signal Ground and Thermal Plane Connection. (See the Absolute Maximum Ratings section.)
2
REF_G
Reference Input, Green Channel.
3
GAIN_G
Gain Connection, Green Channel.
4
IN+_G
Noninverting Input, Green Channel.
5
IN−_G
Inverting Input, Green Channel.
6
REF_R
Reference Input, Red Channel.
7
GAIN_R
Gain Connection, Red Channel.
10
IN+_R
Noninverting Input, Red Channel.
11
IN−_R
Inverting Input, Red Channel.
12
COMPA_IN+
Positive Input, Comparator A.
13
COMPA_IN−
Negative Input, Comparator A.
14
COMPA_OUT
Output, Comparator A.
15
COMPB_OUT
Output, Comparator B.
18
COMPB_IN−
Negative Input, Comparator B.
19
COMPB_IN+
Positive Input, Comparator B.
20
VS+
Positive Power Supply.
21
OUT_R
Output, Red Channel.
22
OUT_G
Output, Green Channel.
23
OUT_B
Output, Blue Channel.
26
VS−
Negative Power Supply.
27
DIS/PD
Disable/Power Down.
28
REF_B
Reference Input, Blue Channel.
29
GAIN_B
Gain Connection, Blue Channel.
30
IN+_B
Noninverting Input, Blue Channel.
31
IN−_B
Inverting Input, Blue Channel.
Exposed Underside Pad
GND
Signal Ground and Thermal Plane Connection.


Similar Part No. - AD8145_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8145WYCPZ-R72 AD-AD8145WYCPZ-R72 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8145YCPZ-R2 AD-AD8145YCPZ-R2 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145YCPZ-R2 AD-AD8145YCPZ-R2 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8145YCPZ-R7 AD-AD8145YCPZ-R7 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
More results

Similar Description - AD8145_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8143 AD-AD8143 Datasheet
577Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
Analog Devices
AD8122 AD-AD8122 Datasheet
402Kb / 13P
   Triple Differential Receiver
Rev. PrC
logo
Texas Instruments
SN65LVDS33-EP TI1-SN65LVDS33-EP Datasheet
618Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVER
SN55LVDS33-SP TI1-SN55LVDS33-SP Datasheet
252Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com