Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRM230R Datasheet(PDF) 5 Page - Intersil Corporation

Part # FRM230R
Description  8A, 200V, 0.50 Ohm, Rad Hard, N-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FRM230R Datasheet(HTML) 5 Page - Intersil Corporation

  FRM230R Datasheet HTML 1Page - Intersil Corporation FRM230R Datasheet HTML 2Page - Intersil Corporation FRM230R Datasheet HTML 3Page - Intersil Corporation FRM230R Datasheet HTML 4Page - Intersil Corporation FRM230R Datasheet HTML 5Page - Intersil Corporation FRM230R Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4-5
FRM230D, FRM230R, FRM230H
Rad Hard Data Packages - Intersil Power Transistors
TXV Equivalent
1. Rad Hard TXV Equivalent - Standard Data Package
A. Certificate of Compliance
B. Assembly Flow Chart
C. Preconditioning - Attributes Data Sheet
D. Group A
- Attributes Data Sheet
E. Group B
- Attributes Data Sheet
F. Group C
- Attributes Data Sheet
G. Group D
- Attributes Data Sheet
2. Rad Hard TXV Equivalent - Optional Data Package
A. Certificate of Compliance
B. Assembly Flow Chart
C. Preconditioning - Attributes Data Sheet
- Precondition Lot Traveler
- Pre and Post Burn-In Read and Record
Data
D. Group A
- Attributes Data Sheet
- Group A Lot Traveler
E. Group B
- Attributes Data Sheet
- Group B Lot Traveler
- Pre and Post Read and Record Data for
Intermittent Operating Life (Subgroup B3)
- Bond Strength Data (Subgroup B3)
- Pre and Post High Temperature Operating
Life Read and Record Data (Subgroup B6)
F. Group C
- Attributes Data Sheet
- Group C Lot Traveler
- Pre and Post Read and Record Data for
Intermittent Operating Life (Subgroup C6)
- Bond Strength Data (Subgroup C6)
G. Group D
- Attributes Data Sheet
- Group D Lot Traveler
- Pre and Post RAD Read and Record Data
Class S - Equivalents
1. Rad Hard “S” Equivalent - Standard Data Package
A. Certificate of Compliance
B. Serialization Records
C. Assembly Flow Chart
D. SEM Photos and Report
E.
Preconditioning Attributes Data Sheet
Hi-Rel Lot Traveler
HTRB - Hi Temp Gate Stress Post Reverse
Bias Data and Delta Data
HTRB - Hi Temp Drain Stress Post Reverse
Bias Delta Data
F. Group A
- Attributes Data Sheet
G. Group B
- Attributes Data Sheet
H. Group C
- Attributes Data Sheet
I. Group D
- Attributes Data Sheet
2. Rad Hard Max. “S” Equivalent - Optional Data Package
A. Certificate of Compliance
B. Serialization Records
C. Assembly Flow Chart
D. SEM Photos and Report
E. Preconditioning - Attributes Data Sheet
- Hi-Rel Lot Traveler
- HTRB - Hi Temp Gate Stress Post
Reverse Bias Data and Delta Data
- HTRB - Hi Temp Drain Stress Post
Reverse Bias Delta Data
- X-Ray and X-Ray Report
F. Group A
- Attributes Data Sheet
- Hi-Rel Lot Traveler
- Subgroups A2, A3, A4, A5 and A7 Data
G. Group B
- Attributes Data Sheet
- Hi-Rel Lot Traveler
- Subgroups B1, B3, B4, B5 and B6 Data
H. Group C
- Attributes Data Sheet
- Hi-Rel Lot Traveler
- Subgroups C1, C2, C3 and C6 Data
I. Group D
- Attributes Data Sheet
- Hi-Rel Lot Traveler
- Pre and Post Radiation Data


Similar Part No. - FRM230R

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FRM234 ISC-FRM234 Datasheet
49Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Intersil Corporation
FRM234D INTERSIL-FRM234D Datasheet
48Kb / 6P
   7A, 250V, 0.70 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM234H INTERSIL-FRM234H Datasheet
48Kb / 6P
   7A, 250V, 0.70 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM234R INTERSIL-FRM234R Datasheet
48Kb / 6P
   7A, 250V, 0.70 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results

Similar Description - FRM230R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSS230D INTERSIL-FSS230D Datasheet
46Kb / 8P
   8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
JANSR2N7400 INTERSIL-JANSR2N7400 Datasheet
43Kb / 8P
   8A, 200V, 0.440 Ohm, Rad Hard, N-Channel Power MOSFET
FRF250D INTERSIL-FRF250D Datasheet
49Kb / 6P
   23A, 200V, 0.115 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK260D INTERSIL-FRK260D Datasheet
47Kb / 6P
   46A, 200V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS240D INTERSIL-FRS240D Datasheet
48Kb / 6P
   12A, 200V, 0.255 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE260D INTERSIL-FRE260D Datasheet
49Kb / 6P
   31A, 200V, 0.080 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRL230D INTERSIL-FRL230D Datasheet
47Kb / 6P
   5A, 200V, 0.500 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS230D INTERSIL-FRS230D Datasheet
48Kb / 6P
   7A, 200V, 0.515 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRL130D INTERSIL-FRL130D Datasheet
47Kb / 6P
   8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK250D INTERSIL-FRK250D Datasheet
48Kb / 6P
   27A, 200V, 0.100 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com