Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8130 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8130
Description  Low Cost 270 MHz Differential Receiver Amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8130 Datasheet(HTML) 3 Page - Analog Devices

  AD8130_15 Datasheet HTML 1Page - Analog Devices AD8130_15 Datasheet HTML 2Page - Analog Devices AD8130_15 Datasheet HTML 3Page - Analog Devices AD8130_15 Datasheet HTML 4Page - Analog Devices AD8130_15 Datasheet HTML 5Page - Analog Devices AD8130_15 Datasheet HTML 6Page - Analog Devices AD8130_15 Datasheet HTML 7Page - Analog Devices AD8130_15 Datasheet HTML 8Page - Analog Devices AD8130_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
AD8129/AD8130
Rev. C | Page 2 of 40
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Connection Diagram ....................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
AD8129/AD8130 Specifications..................................................... 3
5 V Specifications ......................................................................... 3
±5 V Specifications....................................................................... 5
±12 V Specifications..................................................................... 7
Absolute Maximum Ratings............................................................ 9
Thermal Resistance ...................................................................... 9
ESD Caution.................................................................................. 9
Typical Performance Characteristics ........................................... 10
AD8130 Frequency Response Characteristics........................ 10
AD8129 Frequency Response Characteristics........................ 13
AD8130 Harmonic Distortion Characteristics ...................... 16
AD8129 Harmonic Distortion Characteristics ...................... 18
AD8130 Transient Response Characteristics.......................... 23
AD8129 Transient Response Characteristics.......................... 26
Theory of Operation ...................................................................... 32
Op Amp Configuration ............................................................. 32
Applications..................................................................................... 33
Basic Gain Circuits..................................................................... 33
Twisted-Pair Cable, Composite Video Receiver with
Equalization Using an AD8130................................................... 33
Output Offset/Level Translator ................................................ 34
Resistorless Gain of 2 ................................................................. 35
Summer ....................................................................................... 35
Cable-Tap Amplifier .................................................................. 35
Power-Down ............................................................................... 36
Extreme Operating Conditions ................................................ 36
Power Dissipation....................................................................... 37
Layout, Grounding, and Bypassing.......................................... 38
Outline Dimensions ....................................................................... 39
Ordering Guide .......................................................................... 40
REVISION HISTORY
11/05—Rev. B to Rev. C
Changes to 5 V Specifications......................................................... 3
Changes to Table 4 and Maximum Power Dissipation Section.. 9
Changes to Figure 16...................................................................... 11
Changes to Figure 17...................................................................... 12
9/05—Rev. A to Rev. B
Extended Temperature Range...........................................Universal
Deleted Figure 5................................................................................ 5
Added Thermal Resistance Section ............................................... 9
Updated Outline Dimensions ....................................................... 39
Changes to Ordering Guide .......................................................... 40
3/05—Rev. 0 to Rev. A
Changes to Specifications.................................................................2
Replaced Figure 3 ..............................................................................5
Changes to Ordering Guide .............................................................6
Updated Outline Dimensions....................................................... 27
Revision 0: Initial Version


Similar Part No. - AD8130_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8130-EVAL AD-AD8130-EVAL Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8130AR AD-AD8130AR Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8130AR AD-AD8130AR Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130AR-REEL AD-AD8130AR-REEL Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130AR-REEL1 AD-AD8130AR-REEL1 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
More results

Similar Description - AD8130_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8129 AD-AD8129_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129 AD-AD8129 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8129 AD-AD8129_05 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com