Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8079 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8079
Description  Dual 260 MHz Gain 2.0 & 2.2 Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8079 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8079_15 Datasheet HTML 2Page - Analog Devices AD8079_15 Datasheet HTML 3Page - Analog Devices AD8079_15 Datasheet HTML 4Page - Analog Devices AD8079_15 Datasheet HTML 5Page - Analog Devices AD8079_15 Datasheet HTML 6Page - Analog Devices AD8079_15 Datasheet HTML 7Page - Analog Devices AD8079_15 Datasheet HTML 8Page - Analog Devices AD8079_15 Datasheet HTML 9Page - Analog Devices AD8079_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8079
REV. A
–6–
3.4
2.5
125
2.7
2.6
–35
–55
2.8
2.9
3.0
3.1
3.2
3.3
105
85
65
45
25
5
–15
JUNCTION TEMPERATURE –
°C
+VOUT
|–VOUT|
VS = ±5V
RL = 150Ω
Figure 15. Output Swing vs. Temperature
JUNCTION TEMPERATURE –
°C
7
–1
–55
125
–35
–15
5
25
45
65
85
105
6
3
2
1
0
5
4
+IN
Figure 16. Input Bias Current vs. Temperature
8
–6
0
–4
–2
6
2
4
125
–35
–55
105
85
65
45
25
5
–15
JUNCTION TEMPERATURE –
°C
DEVICE #1
DEVICE #2
DEVICE #3
Figure 17. Input Offset Voltage vs. Temperature
11.5
9.0
125
10.5
9.5
–35
10.0
–55
11.0
105
85
65
45
25
5
–15
JUNCTION TEMPERATURE –
°C
VS = ±5V
Figure 18. Total Supply Current vs. Temperature
120
75
125
85
80
–35
–55
90
95
100
105
110
115
105
85
65
45
25
5
–15
JUNCTION TEMPERATURE –
°C
|SINK ISC|
SOURCE ISC
70
Figure 19. Short Circuit Current vs. Temperature
FREQUENCY – Hz
100
10
1
10
100k
100
1k
10k
100
10
1
NONINVERTING CURRENT VS = ±5V
VOLTAGE NOISE VS = ±5V
Figure 20. Noise vs. Frequency


Similar Part No. - AD8079_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8079AR AD-AD8079AR Datasheet
348Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR AD-AD8079AR Datasheet
351Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR AD-AD8079AR Datasheet
288Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR-REEL AD-AD8079AR-REEL Datasheet
348Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR-REEL AD-AD8079AR-REEL Datasheet
351Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
More results

Similar Description - AD8079_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8079ARZ AD-AD8079ARZ Datasheet
288Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079 AD-AD8079 Datasheet
348Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079ARZ AD-AD8079ARZ Datasheet
351Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
logo
Texas Instruments
OPA3S2859 TI-OPA3S2859 Datasheet
2Mb / 33P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/?숰z, Programmable Gain Transimpedance Amplifier
MAY 2022
OPA3S2859 TI-OPA3S2859_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/√Hz, Programmable Gain Transimpedance Amplifier
REVISED AUGUST 2022
logo
National Semiconductor ...
LMH6704 NSC-LMH6704_14 Datasheet
944Kb / 20P
   MHz Selectable Gain Buffer with Disable
LMH6704 NSC-LMH6704 Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
logo
Texas Instruments
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
[Old version datasheet]   650 MHz Selectable Gain Buffer with Disable
logo
National Semiconductor ...
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
   Dual, High Output, Programmable Gain Buffer
CLC417 NSC-CLC417 Datasheet
147Kb / 8P
   Dual Low-Power, Programmable Gain Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com