Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRK9160D Datasheet(PDF) 4 Page - Intersil Corporation

Part # FRK9160D
Description  40A, -100V, 0.085 Ohm, Rad Hard, P-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FRK9160D Datasheet(HTML) 4 Page - Intersil Corporation

  FRK9160D Datasheet HTML 1Page - Intersil Corporation FRK9160D Datasheet HTML 2Page - Intersil Corporation FRK9160D Datasheet HTML 3Page - Intersil Corporation FRK9160D Datasheet HTML 4Page - Intersil Corporation FRK9160D Datasheet HTML 5Page - Intersil Corporation FRK9160D Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Typical Performance Characteristics
FRK9160D, FRK9160R, FRK9160H


Similar Part No. - FRK9160D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FRK9150 ISC-FRK9150 Datasheet
49Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Intersil Corporation
FRK9150D INTERSIL-FRK9150D Datasheet
48Kb / 6P
   26A, -100V, 0.125 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9150H INTERSIL-FRK9150H Datasheet
48Kb / 6P
   26A, -100V, 0.125 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9150R INTERSIL-FRK9150R Datasheet
48Kb / 6P
   26A, -100V, 0.125 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
More results

Similar Description - FRK9160D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRK150D INTERSIL-FRK150D Datasheet
48Kb / 6P
   40A, 100V, 0.055 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRF9150D INTERSIL-FRF9150D Datasheet
49Kb / 6P
   23A, -100V, 0.140 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9130D INTERSIL-FRM9130D Datasheet
57Kb / 6P
   6A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9130D INTERSIL-FRS9130D Datasheet
49Kb / 6P
   6A, -100V, 0.565 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9140D INTERSIL-FRS9140D Datasheet
48Kb / 6P
   11A, -100V, 0.315 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRE9160D INTERSIL-FRE9160D Datasheet
49Kb / 6P
   30A, -100V, 0.095 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9150D INTERSIL-FRK9150D Datasheet
48Kb / 6P
   26A, -100V, 0.125 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRL9130D INTERSIL-FRL9130D Datasheet
47Kb / 6P
   5A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9140D INTERSIL-FRM9140D Datasheet
47Kb / 6P
   11A, -100V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FSJ9160D INTERSIL-FSJ9160D Datasheet
46Kb / 8P
   44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com